Electronic Components Datasheet Search
  English  ▼

X  

EL5293 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL5293
Description  Dual 300MHz Current Feedback Amplifier with Enable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5293 Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL5293 Datasheet HTML 1Page - Renesas Technology Corp EL5293 Datasheet HTML 2Page - Renesas Technology Corp EL5293 Datasheet HTML 3Page - Renesas Technology Corp EL5293 Datasheet HTML 4Page - Renesas Technology Corp EL5293 Datasheet HTML 5Page - Renesas Technology Corp EL5293 Datasheet HTML 6Page - Renesas Technology Corp EL5293 Datasheet HTML 7Page - Renesas Technology Corp EL5293 Datasheet HTML 8Page - Renesas Technology Corp EL5293 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN7193 Rev 3.00
Page 1 of 16
July 26, 2007
FN7193
Rev 3.00
July 26, 2007
EL5293, EL5293A
Dual 300MHz Current Feedback Amplifier with Enable
DATASHEET
The EL5293 and EL5293A represent dual current feedback
amplifiers with a bandwidth of 300MHz. This makes these
amplifiers ideal for today’s high speed video and monitor
applications.
With a supply current of just 4mA per amplifier and the ability
to run from a single supply voltage from 5V to 10V, these
amplifiers are also ideal for hand held, portable or battery
powered equipment.
The EL5293A also incorporates an enable and disable
function to reduce the supply current to 100µA typical per
amplifier. Allowing the CE pin to float or applying a low logic
level will enable the amplifier.
The EL5293 is offered in the industry-standard 8 Ld SOIC
package and the space-saving 8 Ld MSOP package. The
EL5293A is available in a 10 Ld MSOP package and all
operate over the industrial temperature range of -40
C to
+85
C.
Features
• 300MHz -3dB bandwidth
• 4mA supply current (per amplifier)
• Single and dual supply operation, from 5V to 10V
• Fast enable/disable (EL5293A only)
• Single (EL5193) and triple (EL5393) available
• High speed, 1GHz product available (EL5191)
• High speed, 6mA, 600MHz product available (EL5192,
EL5292, and EL5392)
• Pb-free plus anneal available (RoHS compliant)
Applications
• Battery-powered equipment
• Hand-held, portable devices
• Video amplifiers
• Cable drivers
• RGB amplifiers
• Test equipment
• Instrumentation
• Current to voltage converters
Pinouts
Ordering Information
PART NUMBER
PART
MARKING
PACKAGE
PKG. DWG.
#
EL5293CS
5293CS
8 Ld SOIC
MDP0027
EL5293CS-T7*
5293CS
8 Ld SOIC
MDP0027
EL5293CS-T13*
5293CS
8 Ld SOIC
MDP0027
EL5293CSZ
(Note)
5293CSZ
8 Ld SOIC
(Pb-free)
MDP0027
EL5293CSZ-T7*
(Note)
5293CSZ
8 Ld SOIC
(Pb-free)
MDP0027
EL5293CSZ-T13*
(Note)
5293CSZ
8 Ld SOIC
(Pb-free)
MDP0027
EL5293CY
V
8 Ld MSOP
MDP0043
EL5293CY-T7*
V
8 Ld MSOP
MDP0043
EL5293CY-T13*
V
8 Ld MSOP
MDP0043
EL5293ACY
Y
10 Ld MSOP
MDP0043
EL5293ACY-T7*
Y
10 Ld MSOP
MDP0043
EL5293ACY-T13*
Y
10 Ld MSOP
MDP0043
*Please refer to TB347 for details on reel specifications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
1
2
3
4
8
7
6
5
EL5293
(8 LD SOIC, MSOP)
TOP VIEW
1
2
3
4
10
9
8
7
5
6
EL5293A
(10 LD MSOP)
TOP VIEW
-
+
-
+
-
+
-
+
OUTA
INA-
INA+
VS-
VS+
OUTB
INB-
INB+
INA+
CEA
VS-
CEB
INA-
OUTA
VS+
OUTB
INB+
INB-
NOT RECOMMENDED FOR NEW DESIGNS
SEE EL5260, EL5263


Similar Part No. - EL5293

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5293 ELANTEC-EL5293 Datasheet
302Kb / 15P
Dual 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
Dual 300MHz Current Feedback Amplifier with Enable
September 30, 2005
EL5293 INTERSIL-EL5293 Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
EL5293A INTERSIL-EL5293A Datasheet
307Kb / 14P
Dual 300MHz Current Feedback Amplifier with Enable
September 30, 2005
EL5293A INTERSIL-EL5293A Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
More results

Similar Description - EL5293

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
Dual 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
Single 300MHz Current Feedback Amplifier with Enable
March 1, 2004
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
Dual 300MHz Current Feedback Amplifier with Enable
September 30, 2005
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
Single 300MHz Current Feedback Amplifier with Enable
April 24, 2006
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
Dual 300MHz Current Feedback Amplifier with Enable
July 26, 2007
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
Single 300MHz Current Feedback Amplifier with Enable
May 16, 2007
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
Triple 300MHz Current Feedback Amplifier with Enable
September 22, 2010
logo
Renesas Technology Corp
EL5193 RENESAS-EL5193 Datasheet
928Kb / 20P
Single 300MHz Current Feedback Amplifier with Enable
EL5493 RENESAS-EL5493 Datasheet
834Kb / 14P
Quad 300MHz Current Feedback Amplifier with Enable
April, 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com