Electronic Components Datasheet Search
  English  ▼

X  

EL5367 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL5367
Description  1GHz Triple Current Feedback Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL5367 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL5367 Datasheet HTML 1Page - Renesas Technology Corp EL5367 Datasheet HTML 2Page - Renesas Technology Corp EL5367 Datasheet HTML 3Page - Renesas Technology Corp EL5367 Datasheet HTML 4Page - Renesas Technology Corp EL5367 Datasheet HTML 5Page - Renesas Technology Corp EL5367 Datasheet HTML 6Page - Renesas Technology Corp EL5367 Datasheet HTML 7Page - Renesas Technology Corp EL5367 Datasheet HTML 8Page - Renesas Technology Corp EL5367 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
EL5367
FN7457 Rev 1.00
Page 2 of 11
November 9, 2004
Absolute Maximum Ratings (TA = 25°C)
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . 13.2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 50mA
IOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±200mA
I into VIN+, VIN- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ±4mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pin Voltages. . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
VS+ = +5V, VS- = -5V, RF = 392 for AV = 1, RF = 250 for AV = 2, RL = 150, TA = 25°C, unless otherwise
specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
AC PERFORMANCE
BW
-3dB Bandwidth (per channel)
AV = +1
1000
MHz
AV = +2
800
MHz
BW1
0.1dB Bandwidth (per channel)
AV = +2
100
MHz
SR
Slew Rate
VO = -2.5V to +2.5V, AV = +2
3000
6000
V/µs
tS
0.1% Settling Time
VOUT = -2.5V to +2.5V, AV = -1
8
ns
eN
Input Voltage Noise
1.7
nV/
Hz
iN-
IN- Input Current Noise
19
pA/
Hz
iN+
IN+ Input Current Noise
50
pA/
Hz
dG
Differential Gain Error (Note 1)
0.01
%
dP
Differential Phase Error (Note 1)
0.03
°
DC PERFORMANCE
VOS
Offset Voltage
-5
-0.5
5
mV
TCVOS
Input Offset Voltage Temperature
Coefficient
Measured from TMIN to TMAX
3.52
µV/°C
ROL
Transimpedance
0.5
1.1
2.5
M
INPUT CHARACTERISTICS
CMIR
Common Mode Input Range
(guaranteed by CMRR test)
±3
±3.3
V
CMRR
Common Mode Rejection Ratio
52
57
66
dB
-ICMR
- Input Current Common Mode Rejection
0
0.7
1
µA/V
+IIN
+ Input Current
-25
0.7
25
µA
-IIN
- Input Current
-25
8.5
25
µA
RIN
Input Resistance
50
130
250
k
CIN
Input Capacitance
1.5
pF
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150 to GND
±3.6
±3.8
±4.1
V
RL = 1k to GND
±3.8
±4.0
±4.2
V
IOUT
Output Current
RL = 10 to GND
±110
±160
±200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com