Electronic Components Datasheet Search
  English  ▼

X  

EL8170FSZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # EL8170FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL8170FSZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  EL8170FSZ Datasheet HTML 1Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 2Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 3Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 4Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 5Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 6Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 7Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 8Page - Renesas Technology Corp EL8170FSZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
FN7490 Rev 8.00
Page 1 of 14
August 11, 2015
FN7490
Rev 8.00
August 11, 2015
EL8170, EL8173
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
DATASHEET
The EL8170 and EL8173 are micropower instrumentation
amplifiers optimized for single supply operation over the
+2.4V to +5.5V range. Inputs and outputs can operate
rail-to-rail. As with all instrumentation amplifiers, a pair of
inputs provide very high common-mode rejection and are
completely independent from a pair of feedback terminals.
The feedback terminals allow zero input to be translated to any
output offset, including ground. A feedback divider controls the
overall gain of the amplifier.
The EL8170 is compensated for a gain of 100 or more, and the
EL8173 is compensated for a gain of 10 or more. The EL8170
and EL8173 have bipolar input devices for best offset and
1/f noise performance.
The amplifiers can be operated from one lithium cell or two
Ni-Cd batteries. The EL8170 and EL8173 input range includes
ground to slightly above positive rail. The output stage swings
to ground and positive supply (no pull-up or pull-down resistors
are needed).
Pin Configurations
EL8170
(8 LD SOIC)
TOP VIEW
EL8173
(8 LD SOIC)
TOP VIEW
Features
• 95µA maximum supply current
• Maximum offset voltage
- 200µV (EL8170)
- 1000µV (EL8173)
• Maximum 3nA input bias current
• 396kHz -3dB bandwidth (G = 10)
• 192kHz -3dB bandwidth (G = 100)
• Single supply operation
- Input voltage range is rail-to-rail
- Output swings rail-to-rail
• Pb-Free (RoHS Compliant)
Applications
• Battery- or Solar-Powered Systems
•Strain Gauges
• Current Monitors
• Thermocouple Amplifiers
1
2
3
4
8
7
6
5
+
-
+
-
DNC
IN-
IN+
V-
FB+
V+
FB-
VOUT
1
2
3
4
8
7
6
5
+
-
+
-
DNC
IN-
IN+
V-
FB+
V+
FB-
VOUT
Ordering Information
PART NUMBER
(Notes 2, 3)
PART
MARKING
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
EL8170FSZ (Note 1)
8170FSZ
8 Ld SOIC
M8.15E
EL8173FSZ (Note 1)
(No longer available
or supported)
8173FSZ
8 Ld SOIC
M8.15E
EL8170FWZ-EVAL
Evaluation Board
EL8173EV1Z (No
longer available or
supported)
Evaluation Board
EL8173FWZ-EVAL
(No longer available or
supported)
Evaluation Board
NOTES:
1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
2. These Intersil Pb-free plastic packaged products employ special
Pb-free material sets, molding compounds/die attach materials, and
100% matte tin plate plus anneal (e3 termination finish, which is
RoHS compliant and compatible with both SnPb and Pb-free
soldering operations). Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information
page for EL8170, EL8173 For more information on MSL, please see
tech brief TB363.


Similar Part No. - EL8170FSZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
640Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
February 14, 2008
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
613Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
More results

Similar Description - EL8170FSZ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Intersil Corporation
EL8171 INTERSIL-EL8171_06 Datasheet
828Kb / 11P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
March 9, 2006
EL8170 INTERSIL-EL8170 Datasheet
706Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8171 INTERSIL-EL8171_07 Datasheet
642Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 3, 2007
EL8170 INTERSIL-EL8170_08 Datasheet
640Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
February 14, 2008
EL8171 INTERSIL-EL8171 Datasheet
631Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
July 27, 2009
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 31, 2009
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
EL8170FSZ INTERSIL-EL8170FSZ Datasheet
716Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
August 11, 2015
logo
Renesas Technology Corp
EL8171 RENESAS-EL8171 Datasheet
931Kb / 14P
Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com