Electronic Components Datasheet Search
  English  ▼

X  

EL9110 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # EL9110
Description  Differential Receiver/Equalizer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

EL9110 Datasheet(HTML) 2 Page - Renesas Technology Corp

  EL9110 Datasheet HTML 1Page - Renesas Technology Corp EL9110 Datasheet HTML 2Page - Renesas Technology Corp EL9110 Datasheet HTML 3Page - Renesas Technology Corp EL9110 Datasheet HTML 4Page - Renesas Technology Corp EL9110 Datasheet HTML 5Page - Renesas Technology Corp EL9110 Datasheet HTML 6Page - Renesas Technology Corp EL9110 Datasheet HTML 7Page - Renesas Technology Corp EL9110 Datasheet HTML 8Page - Renesas Technology Corp EL9110 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
EL9110
FN7305 Rev 5.00
Page 2 of 10
November 30, 2007
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage between VS+ and VS-. . . . . . . . . . . . . . . . . . . . .12V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
Pin Voltages . . . . . . . . . . . . . . . . . . . . . . . . . VS- -0.5V to VS+ +0.5V
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . .-65°C to +150°C
Ambient Operating Temperature . . . . . . . . . . . . . . . .-40°C to +85°C
Die Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
Electrical Specifications
VSA+ = VA+ = +5V, VSA- = VA- = -5V, TA = +25°C, Unless Otherwise Specified
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 1)
TYP
MAX
(Note 1)
UNIT
AC PERFORMANCE
BW
Bandwidth
(See Figure 1)
150
MHz
SR
Slew Rate
VIN = -1V to +1V, VG = 0.35, VC = 0, RL = 75 + 75
1.5
V/ns
THD
Total Harmonic Distortion
10MHz 1VP-P out, VG = 0.35V, X2 gain, VC = 0
-50
dBc
DC PERFORMANCE
VOS
Offset Voltage (bin #1)
X2 gain, no equalization
-250
-10
+250
mV
Offset Voltage (bin #2)
CPI9049
mV
INPUT CHARACTERISTICS
CMIR
Common-mode Input Range
Common-mode extension off
-4/+3.5
V
CMIRx
Extended CMIR
Common-mode extension on
±4.5
V
ONOISE
Output Noise
VG = 0.35, X2 gain, 75 + 75 load, VC = 0.6
25
mV
RMS
CMRR
Common-mode Rejection Ratio
Measured at 10kHz
60
dB
CMRR+
Common-mode Rejection Ratio
Measured at 10MHz
50
dB
CMBW
CM Amplifier Bandwidth
10K || 10pF load
50
MHz
CMSLEW
CM Slew Rate
Measured @ +1V to -1V
100
V/µs
CINDIFF
Differential Input Capacitance
Capacitance VINP to VINM
600
fF
RINDIFF
Differential Input Resistance
Resistance VINP to VINM
12.4
M
CINCM
CM Input Capacitance
Capacitance VINP = VINM to ground
1.2
pF
RINCM
CM Input Resistance
Resistance VINP = VINM to ground
1
2.8
M
+IIN
Positive Input Current
DC bias @ VINP = VINM = 0V
1
µA
-IIN
Negative Input Current
DC bias @ VINP = VINM = 0V
1
µA
VINDIFF
Differential Input Range
VINP - VINM when slope gain falls to 0.9
2.5
3.2
V
OUTPUT CHARACTERISTICS
VO
Output Voltage Swing
RL = 150
±3.5
V
IOUT
Output Drive Current
RL = 10, VINP = 1V, VINM = 0V, X2 = gain,
VG = 0.35
50
60
mA
ROUTCM
CM Output Resistance
at 100kHz
30
DiffGain
Differential Gain
VC = 0, VG = 0.35, X2 = 5, RL = 75 + 75
0.85
1.0
1.1
SUPPLY
ISON
Supply Current
VENBL = 5, VINM = 0
27
38
mA
ISOFF
Supply Current
VENBL = 0, VINM = 0
0.4
0.8
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com