Electronic Components Datasheet Search
  English  ▼

X  

HA456 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA456
Description  120MHz, Low Power, 8x8 Video Crosspoint Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA456 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA456 Datasheet HTML 1Page - Renesas Technology Corp HA456 Datasheet HTML 2Page - Renesas Technology Corp HA456 Datasheet HTML 3Page - Renesas Technology Corp HA456 Datasheet HTML 4Page - Renesas Technology Corp HA456 Datasheet HTML 5Page - Renesas Technology Corp HA456 Datasheet HTML 6Page - Renesas Technology Corp HA456 Datasheet HTML 7Page - Renesas Technology Corp HA456 Datasheet HTML 8Page - Renesas Technology Corp HA456 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
FN4153 Rev 7.00
Page 1 of 13
September 26, 2008
FN4153
Rev 7.00
September 26, 2008
HA456
120MHz, Low Power, 8x8 Video Crosspoint Switch
DATASHEET
The HA456 is the first 8x8 video crosspoint switch suitable
for high performance video systems. Its high level of
integration significantly reduces component count, board
space, and cost. The crosspoint switch contains a digitally
controlled matrix of 64 fully buffered switches that connect 8
video input signals to any, or all, matrix outputs. Each matrix
output connects to an internal, high-speed (200V/µs), unity
gain buffer capable of driving 400
 and 5pF to ±2V.
For applications requiring gain or increased drive capability,
the HA456 outputs can be connected directly to two
HFA1412 quad, gain of two video buffers, which are capable
of driving 75
 loads.
This crosspoint’s true high impedance three-state output
capability, makes it feasible to parallel multiple HA456s and
form larger switch matrices.
Ordering Information
Features
• Fully Buffered Inputs and Outputs (AV = +1)
• Routes Any Input Channel to Any Output Channel
• Switches Standard and High Resolution Video Signals
• Serial or Parallel Digital Interface
• Expandable for Larger Switch Matrices
• Wide Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . 120MHz
• High Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . 200V/µs
• Differential Gain and Phase . . . . . . . . . . . . . .0.05%, 0.05°
• Low Crosstalk at 10MHz . . . . . . . . . . . . . . . . . . . . . -55dB
• Pb-Free Available (RoHS Compliant)
Applications
• Professional Video Switching and Routing
• Security and Video Editing Systems
Pinout
HA456
(44 LD PLCC)
TOP VIEW
PART
NUMBER
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HA456CM
HA456CM
0 to +70 44 Ld PLCC
N44.65
HA456CMZ
(Note)
HA456CMZ
0 to +70 44 Ld PLCC
(Pb-free)
N44.65
NOTE: These Intersil Pb-free plastic packaged products employ
special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination
finish, which is RoHS compliant and compatible with both SnPb and
Pb-free soldering operations). Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed
the Pb-free requirements of IPC/JEDEC J STD-020.
44 43 42 41 40
39
38
37
36
35
34
33
32
31
30
29
28
27
1
2
3
4
5
6
26
25
24
23
22
21
20
19
18
7
8
9
10
11
12
13
14
15
16
17
A0
IN1
NC
IN2
DGND
NC
IN3
DGND
IN4
EDGE/LEVEL
IN5
OUT2
V-
OUT3
AGND
OUT4
NC
AGND
OUT5
AGND
OUT6
V+


Similar Part No. - HA456

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA456 INTERSIL-HA456 Datasheet
251Kb / 13P
120MHz, Low Power, 8x8 Video Crosspoint Switch
August 14, 2006
HA456 INTERSIL-HA456 Datasheet
297Kb / 13P
120MHz, Low Power, 8x8 Video
September 26, 2008
HA456 INTERSIL-HA456 Datasheet
294Kb / 13P
120MHz, Low Power, 8x8 Video Crosspoint Switch
September 26, 2008
HA456CM INTERSIL-HA456CM Datasheet
251Kb / 13P
120MHz, Low Power, 8x8 Video Crosspoint Switch
August 14, 2006
HA456CM INTERSIL-HA456CM Datasheet
297Kb / 13P
120MHz, Low Power, 8x8 Video
September 26, 2008
More results

Similar Description - HA456

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4359 MAXIM-MAX4359 Datasheet
249Kb / 16P
Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
AD8175 AD-AD8175 Datasheet
838Kb / 40P
Video Crosspoint Switch
5/07-Revision 0
logo
Intersil Corporation
HA456 INTERSIL-HA456_06 Datasheet
251Kb / 13P
120MHz, Low Power, 8x8 Video Crosspoint Switch
August 14, 2006
HA456 INTERSIL-HA456 Datasheet
297Kb / 13P
120MHz, Low Power, 8x8 Video
September 26, 2008
logo
Analog Devices
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
Video Crosspoint Switch
REV. 0
logo
Intersil Corporation
HA456CM INTERSIL-HA456CM Datasheet
294Kb / 13P
120MHz, Low Power, 8x8 Video Crosspoint Switch
September 26, 2008
logo
Analog Devices
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
8x8 Buffered Video Crosspoint Switches
5/2016-Rev. B to Rev. C
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX4359 MAXIM-MAX4359_V01 Datasheet
444Kb / 17P
Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com