Electronic Components Datasheet Search
  English  ▼

X  

HA4600CBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA4600CBZ
Description  480MHz, SOT-23, Video Buffer with Output Disable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA4600CBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA4600CBZ Datasheet HTML 1Page - Renesas Technology Corp HA4600CBZ Datasheet HTML 2Page - Renesas Technology Corp HA4600CBZ Datasheet HTML 3Page - Renesas Technology Corp HA4600CBZ Datasheet HTML 4Page - Renesas Technology Corp HA4600CBZ Datasheet HTML 5Page - Renesas Technology Corp HA4600CBZ Datasheet HTML 6Page - Renesas Technology Corp HA4600CBZ Datasheet HTML 7Page - Renesas Technology Corp HA4600CBZ Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HA4600
FN3990 Rev 10.00
Page 2 of 8
October 2, 2015
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Digital Input Current (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . .
25mA
Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20mA
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . 1800V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 70°C
Thermal Resistance (Typical, Note 1)
JA (°C/W)
PDIP Package* . . . . . . . . . . . . . . . . . . . . . . . . . . . .
130
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
SOT-23 Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
210
Maximum Junction Temperature (Die) . . . . . . . . . . . . . . . . . . . 175°C
Maximum Junction Temperature (Plastic Package) . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(SOIC and SOT-23 - Lead Tips Only)
*Pb-free PDIPs can be used for through hole wave solder processing
only. They are not intended for use in Reflow solder processing
applications.
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
4.
JA is measured with the component mounted on an evaluation PC board in free air.
5. If an input signal is applied before the supplies are powered up, the input current must be limited to this maximum value.
Electrical Specifications VSUPPLY = 5V, RL = 10k, VEN = 2.0V, Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP. (°C)
MIN
TYP
MAX
UNITS
DC SUPPLY CHARACTERISTICS
Supply Voltage
Full
4.5
5.0
5.5
V
Supply Current (VOUT =0V)
VEN = 2V
25, 70
-
10.5
13
mA
VEN = 2V
0
-
-
14.5
mA
VEN = 0.8V
25, 70
-
100
115
A
VEN = 0.8V
0
-
100
125
A
ANALOG DC CHARACTERISTICS
Output Voltage Swing without Clipping
VOUT =VIN VIO 20mV
25, 70
2.7
2.8
-
V
0
2.4
2.5
-
V
Output Current
Full
15
20
-
mA
Input Bias Current
Full
-
30
50
A
Output Offset Voltage
25
-10
-
10
mV
Output Offset Voltage Drift (Note 3)
Full
-
25
50
V/°C
SWITCHING CHARACTERISTICS
Turn-On Time
25
-
160
-
ns
Turn-Off Time
25
-
320
-
ns
DIGITAL DC CHARACTERISTICS
Input Logic High Voltage
Full
2
-
-
V
Input Logic Low Voltage
Full
-
-
0.8
V
EN Input Current
0V to 4V
Full
-2
-
2
A
AC CHARACTERISTICS
Insertion Loss
1VP-P
Full
-
0.04
0.05
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com