Electronic Components Datasheet Search
  English  ▼

X  

CNW11AV1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CNW11AV1
Description  TRANSISTOR OPTOCOUPLERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CNW11AV1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CNW11AV1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CNW11AV1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Isocom Ltd reserves the right to change the details on this specification without notice. Please consult Isocom Ltd prior to use.
Isocom Ltd cannot accept liability for any errors or omissions.
For sales enquiries, or further information, please contact our sales office at :
Isocom Ltd, Hutton Close, Crowther Industrial Estate, District 3, Washington, NE38 0AH
Tel: +44 0191 4166 546 Fax: +44 0191 4155 055 Email Isocom@isocomoptocouplers.com
Or go to the Isocom Website @ : Http://www.isocomoptocouplers.com
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-55°C to +150°C
Operating Temperature
-55°C to +100°C
Lead Soldering Temperature
260°C 1.6mm from case for 10S
Input-to-Output Isolation Voltage
4000VDC
Input Diode
Forward DC Current
60mA
Reverse DC Voltage
6V
Peak forward Current
3A
1µS p.w. 300 pps
Power Dissipation
100mW
Derate linearly above 25°C at 1.33mW/°C.
Output Transistor
Collector-Emitter Voltage
70V
BVCEO
Emitter-collector voltage
7V
BVECO
Collector-base Voltage
70V
BVCBO
Power Dissipation
300mW
Derate linearly above 25°C at 2.0mW/°C
ELECTRICAL CHARACTERISTICS
TA = 25°C U.O.S. (each channel where appropriate).
Input Diode Electrical Characteristics
Parameter
Symbol
Test Conditions
Device
Min
Typ
Max
Units
Forward Voltage
VF
IF = 10mA
0.8
1.5
V
IF = 10mA, TA= -55
OC
0.9
1.7
V
IF = 10mA, TA= +100
OC
1.4
V
Reverse Current
IR
VR= 6.0V
10
µA
Output Detector Electrical Characteristics
Collector-Emitter
Breakdown Voltage
BVCEO
IC = 1mA
70
V
Emitter-base Voltage
BVEBO
IE= 100µA
7
V
Collector-base Voltage
BVCBO
IC= 100µA
70
V
Collector-emitter Dark
Current
ICEO
VCE= 10V, IF= 0
50
nA
Collector-emitter
Capacitance
CCE
VCE= 10V, f= 1Mhz
2.0
pF
Coupled Electrical Characteristics
DC Current Transfer Ratio
IC/IF
IF = 10mA, VCE = 10V
AV1X
AV2X
AV3X
100
50
20
300
%
Input-to-Output Isolation
Resistance
RISO
VIO= 500V
10
11
Ω
Collector-Emitter Saturation
Voltage
VCE(Sat)
IF= 20mA, IC= 2mA
0.4
V
Capacitance Input to Output
CIO
f= 1Mhz
0.5
pF
Turn-on Time
TON
VCC= 10V, IC= 2mA, RL= 100Ω
15
µS
Turn-off Time
TOFF
15
µS
Input-to-Output Isolation
Voltage
4000
V



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com