Electronic Components Datasheet Search
  English  ▼

X  

BAW101 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BAW101
Description  DUAL SURFACE MOUNT SWITCHING DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAW101 Datasheet(HTML) 1 Page - Diodes Incorporated

  BAW101 Datasheet HTML 1Page - Diodes Incorporated BAW101 Datasheet HTML 2Page - Diodes Incorporated BAW101 Datasheet HTML 3Page - Diodes Incorporated BAW101 Datasheet HTML 4Page - Diodes Incorporated BAW101 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BAW101
Document number: DS32092 Rev. 4 - 2
1 of 5
www.diodes.com
December 2017
© Diodes Incorporated
BAW101
DUAL SURFACE MOUNT SWITCHING DIODE
Features
Fast Switching Speed
High Reverse Breakdown Voltage
Two Electrically Isolated Elements in a Single Compact Package
Low Leakage Current
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halog
en and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: SOT143
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Lead Free Plating (Matte Tin Finish Annealed over Alloy 42
Leadframe).
Polarity: See Diagram Below
Weight: 0.008 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
BAW101-7
SOT143
3000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See https://www.diodes.com/quality/lead-free/ f
or more information about Diodes Incorporated’s definitions of Halogen- and
Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Date Code Key
Year
2011
---
2017
2018
2019
2020
2021
Code
Y
---
E
F
G
H
I
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Device Schematic
KT9 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: E = 2017)
M = Month (ex: 9 = September)
KT9


Similar Part No. - BAW101

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BAW101 SIEMENS-BAW101 Datasheet
61Kb / 3P
Silicon Switching Diode Array (Electrically insulated high-voltage medium-speed diodes)
logo
Central Semiconductor C...
BAW101 CENTRAL-BAW101 Datasheet
152Kb / 2P
DUAL, ISOLATED HIGH VOLTAGE SWITCHING DIODES
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
429Kb / 3P
Silicon Switching Diode
Sep-24-2003
logo
Guangdong Kexin Industr...
BAW101 KEXIN-BAW101 Datasheet
38Kb / 2P
Silicon Switching Diode Array
logo
Infineon Technologies A...
BAW101 INFINEON-BAW101 Datasheet
62Kb / 5P
Silicon Switching Diode
2007-04-20
More results

Similar Description - BAW101

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAV99W TRSYS-BAV99W Datasheet
147Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV99W DIODES-BAV99W Datasheet
59Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS30045 Rev. 2 - 2
BAV99 DIODES-BAV99_10 Datasheet
86Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12007 Rev. 20 - 2
MMBD7000 DIODES-MMBD7000_08 Datasheet
119Kb / 3P
DUAL SURFACE MOUNT SWITCHING DIODE
DS12025 Rev. 8 - 2
logo
Unisonic Technologies
BAW56W UTC-BAW56W_11 Datasheet
111Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
1SS361UDJ DIODES-1SS361UDJ Datasheet
116Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
logo
Shenzhen Luguang Electr...
BAV70 LUGUANG-BAV70 Datasheet
206Kb / 2P
Dual Surface Mount Switching Diode
logo
Diodes Incorporated
BAV23 DIODES-BAV23 Datasheet
79Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev erse
BAS116UDJ DIODES-BAS116UDJ_15 Datasheet
92Kb / 4P
DUAL SURFACE MOUNT SWITCHING DIODE
Rev 3
logo
Galaxy Semi-Conductor H...
BAV74 BILIN-BAV74_17 Datasheet
126Kb / 3P
Dual surface mount switching diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com