Electronic Components Datasheet Search
  English  ▼

X  

CY2283 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # CY2283
Description  PentiumII, K6, 6x86 100-MHz Clock Synthesizer/Driver for Desktop PCs with ALI or VIA Chipsets, AGP and 3 DIMMs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2283 Datasheet(HTML) 2 Page - Cypress Semiconductor

  CY2283 Datasheet HTML 1Page - Cypress Semiconductor CY2283 Datasheet HTML 2Page - Cypress Semiconductor CY2283 Datasheet HTML 3Page - Cypress Semiconductor CY2283 Datasheet HTML 4Page - Cypress Semiconductor CY2283 Datasheet HTML 5Page - Cypress Semiconductor CY2283 Datasheet HTML 6Page - Cypress Semiconductor CY2283 Datasheet HTML 7Page - Cypress Semiconductor CY2283 Datasheet HTML 8Page - Cypress Semiconductor CY2283 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CY2283
PRELIMINARY
2
Pin Summary
Name
Pins
Description
VDDQ3
6, 14, 19, 30, 36, 48 3.3V Digital voltage supply
VDDCPU
42
CPU Digital voltage supply, 2.5V or 3.3V
AVDD
1
Analog voltage supply, 3.3V
VSS
3, 9, 16, 22, 27, 33,
39, 45
Ground
XTALIN[3]
4
Reference crystal input
XTALOUT[3]
5
Reference crystal feedback
SDRAM7/ PCI_STOP
28
SDRAM clock output. Also, active LOW control input to stop PCI clocks, enabled
when MODE is LOW.
SDRAM6/CPU_STOP
29
SDRAM clock output. Also, active LOW control input to stop CPU clocks, enabled
when MODE is LOW.
SDRAM5/ PWR_DWN
31
SDRAM clock output. Also, active LOW control input to power down device,
enabled when MODE is LOW.
SDRAM[0:4],[8:11]
38, 37, 35, 34, 32,
21, 20, 18, 17
SDRAM clock outputs
SEL0
26
CPU frequency select input, bit 0 (see table below)
SEL1
46
CPU frequency select input, bit 0 (see table below)
CPUCLK[0:3]
44, 43, 41, 40
CPU clock outputs
PCICLK[0:3]
8, 10, 11, 12
PCI clock outputs, at one-half the CPU frequency.
PCICLK_F
7
Free-running PCI clock output
AGP[0:1]
13, 15
AGP clock outputs
REF0
2
3.3V Reference clock output
USBCLK
47
USB Clock output
SDATA
23
Serial data input for serial configuration port
SCLK
24
Serial clock input for serial configuration port
MODE
25
Mode Select pin for enabling power management features
Note:
3.
For best accuracy, use a parallel-resonant crystal, CLOAD = 18 pF.
Function Table
SEL1
SEL0
CPU/PCI
Ratio
CPUCLK[0:3]
SDRAM[0:11]
PCICLK[0:3]
PCICLK_F
AGP[0:1]
REF0
USBCLK
0
0
2.5
83.33 MHz
33.33 MHz
66.66 MHz
14.318 MHz
48 MHz
0
1
2
66.67 MHz
33.33 MHz
66.66 MHz
14.318 MHz
48 MHz
1
0
3.0
100.0 MHz
33.33 MHz
66.66 MHz
14.318 MHz
48 MHz
1
1
2.5
75.0 MHz
30.0 MHz
60.0 MHz
14.318 MHz
48 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com