Electronic Components Datasheet Search
  English  ▼

X  

HFA1145IPZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HFA1145IPZ
Description  330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HFA1145IPZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  HFA1145IPZ Datasheet HTML 1Page - Renesas Technology Corp HFA1145IPZ Datasheet HTML 2Page - Renesas Technology Corp HFA1145IPZ Datasheet HTML 3Page - Renesas Technology Corp HFA1145IPZ Datasheet HTML 4Page - Renesas Technology Corp HFA1145IPZ Datasheet HTML 5Page - Renesas Technology Corp HFA1145IPZ Datasheet HTML 6Page - Renesas Technology Corp HFA1145IPZ Datasheet HTML 7Page - Renesas Technology Corp HFA1145IPZ Datasheet HTML 8Page - Renesas Technology Corp HFA1145IPZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
HFA1145
FN3955 Rev 5.00
Page 2 of 13
July 15, 2015
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11V
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8V
Output Current (Note 1) . . . . . . . . . . . . . . . . .Short Circuit Protected
30mA Continuous
60mA
 50% Duty Cycle
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>600V
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40°C to 85°C
Thermal Resistance (Typical, Note 2)
JA (°C/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
170
Maximum Junction Temperature (Die Only) . . . . . . . . . . . . . . . . 175°C
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300°C
(Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Output is short circuit protected to ground. Brief short circuits to ground will not degrade reliability, however continuous (100% duty cycle) output
current must not exceed 30mA for maximum reliability.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = 5V, AV = +1, RF = 510, RL = 100 Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
(NOTE 3)
TEST
LEVEL
TEMP. (°C)
MIN
TYP
MAX
UNITS
INPUT CHARACTERISTICS
Input Offset Voltage
A
25
-
2
5
mV
AFull
-
3
8
mV
Average Input Offset Voltage Drift
B
Full
-
1
10
V/°C
Input Offset Voltage
Common-Mode Rejection Ratio
VCM =1.8V
A
25
47
50
-
dB
VCM =1.8V
A
85
45
48
-
dB
VCM =1.2V
A
-40
45
48
-
dB
Input Offset Voltage
Power Supply Rejection Ratio
VPS =1.8V
A
25
50
54
-
dB
VPS =1.8V
A
85
47
50
-
dB
VPS =1.2V
A
-40
47
50
-
dB
Non-Inverting Input Bias Current
A
25
-
6
15
A
A
Full
-
10
25
A
Non-Inverting Input Bias Current Drift
B
Full
-
5
60
nA/°C
Non-Inverting Input Bias Current
Power Supply Sensitivity
VPS =1.8V
A
25
-
0.5
1
A/V
VPS =1.8V
A
85
-
0.8
3
A/V
VPS =1.2V
A
-40
-
0.8
3
A/V
Non-Inverting Input Resistance
VCM =1.8V
A
25
0.8
1.2
-
M
VCM =1.8V
A
85
0.5
0.8
-
M
VCM =1.2V
A
-40
0.5
0.8
-
M
Inverting Input Bias Current
A
25
-
2
7.5
A
AFull
-
5
15
A
Inverting Input Bias Current Drift
B
Full
-
60
200
nA/°C
Inverting Input Bias Current
Common-Mode Sensitivity
VCM =1.8V
A
25
-
3
6
A/V
VCM =1.8V
A
85
-
4
8
A/V
VCM =1.2V
A
-40
-
4
8
A/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com