Electronic Components Datasheet Search
  English  ▼

X  

DB107S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DB107S
Description  Single Phase 1.0 A Glass Passivated Bridge Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DB107S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DB107S Datasheet HTML 1Page - List of Unclassifed Manufacturers DB107S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DB101(S) THRU DB107(S)
Single Phase 1.0 A Glass Passivated Bridge Rectifiers
Voltage Range 50 to 1000 Volts
Current 1.0 Ampere
Features
*UL Recognized File
* ldeal for printed circuit board
* Reliable low cost construction utilizing molded plastic technique
* High temperature soldering guaranteed:
o
250 C / 10 seconds / 0.375"( 9.5mm ) lead length at 5lbs.,
(2.3kg) tension
*Small size, simpke installayion Leads solderable per
MIL-STD-202,Method 208
* High surge current capability
Maximum Ratings and Electrical Characteristics
o
Rating at 25 C ambient temperature unless otherwise specified. Single phase, half wave,
60 Hz, resistive or inductive load. For capacitive load, derate current by 20%
Type Number
DB
101(S)
DB
102(S)
DB
103(S)
DB
104(S)
DB
105(S)
DB
106(S)
DB
107(S)
Units
Maximum Recurrent Peak Reverse Voltage
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
o
@ T =40 C
A
1.0
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method)
50
A
Maximum lnstantaneous Forward Voltage @ 1.0A
1.1
V
o
Maximum DC Reverse Current @ T =25 C
A
o
At Rated DC Blocking Voltage @ T =125 C
A
10
500
-55 to +125
uA
uA
Operating Temperature Range T
J
oC
Storage Temperature Range T
STG
.1
.1
.255(6.5)
.135(3.4)
.165(4.2)
.350(8.9)
.205(5.2)
.365(9.3)
.245(6.2)
15(2.9)
.155(3.9)
.300(7.6)
.195(5.0)
.355(9.0)
.060
1.5
.020
(0.5)
+
+
~
~
~
~
DB-1
DBS
.1
15(2.9)
.255(6.5)
.310(7.9)
.135(3.4)
.410(10.4)
.013(.33)
.060(1.5)
.205(5.2)
.365(9.3)
.042(1.1)
.245(6.2)
.290(7.4)
.360(9.4)
.003(.08)
.040(1.0)
.195(5.0)
.355(9.0)
.038(1.0)
+
~
~
-55 to +125
oC
UPM
Http://www.upm.com.tw
E -mail:upm.tw@msa.hinet.net


Similar Part No. - DB107S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB107S RECTRON-DB107S Datasheet
20Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
Bytes
DB107S BYTES-DB107S Datasheet
150Kb / 2P
SINGLE PHASE 1.0 AMP SURFACE MOUNT BRIDGE RECTIFIERS
logo
Dc Components
DB107S DCCOM-DB107S Datasheet
424Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Formosa MS
DB107S FORMOSA-DB107S Datasheet
68Kb / 2P
Glass passivated type
logo
Galaxy Semi-Conductor H...
DB107S BILIN-DB107S Datasheet
119Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - DB107S

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
KBP100G JGD-KBP100G Datasheet
122Kb / 2P
SINGLE PHASE 1.0 AMP GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Taiwan Semiconductor Co...
1W005 TSC-1W005_1 Datasheet
88Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
KBP101G TSC-KBP101G_10 Datasheet
468Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Luguang Electr...
DB101 LUGUANG-DB101 Datasheet
255Kb / 2P
Single Phase 1.0 AMP Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
ABS2 YEASHIN-ABS2 Datasheet
751Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Nanjing International G...
LB10M DGNJDZ-LB10M Datasheet
313Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
DB107S- DGNJDZ-DB107S- Datasheet
262Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
ABS2 DGNJDZ-ABS2_02 Datasheet
416Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
logo
Shenzhen Yixinwei Techn...
ABS05 YIXIN-ABS05 Datasheet
116Kb / 2P
1.0 A Single-Phase Glass Passivated Bridge Rectifiers
logo
Bytesonic Electronics C...
ABS2 BYTESONIC-ABS2 Datasheet
680Kb / 2P
Single Phase 1.0 AMP. Glass Passivated Bridge Rectifiers
Version 1.3 2015/4/15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com