Electronic Components Datasheet Search
  English  ▼

X  

HIN232 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # HIN232
Description  5V Powered RS-232 Transmitters/Receivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIN232 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button HIN232 Datasheet HTML 9Page - Renesas Technology Corp HIN232 Datasheet HTML 10Page - Renesas Technology Corp HIN232 Datasheet HTML 11Page - Renesas Technology Corp HIN232 Datasheet HTML 12Page - Renesas Technology Corp HIN232 Datasheet HTML 13Page - Renesas Technology Corp HIN232 Datasheet HTML 14Page - Renesas Technology Corp HIN232 Datasheet HTML 15Page - Renesas Technology Corp HIN232 Datasheet HTML 16Page - Renesas Technology Corp HIN232 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
HIN232, HIN236, HIN237, HIN238, HIN239, HIN240, HIN241
FN3138 Rev 17.00
Page 13 of 22
August 6, 2015
Applications
The HIN2xx may be used for all RS-232 data terminal and
communication links. It is particularly useful in applications
where
12V power supplies are not available for
conventional RS-232 interface circuits. The applications
presented represent typical interface configurations.
A simple duplex RS-232 port with CTS/RTS handshaking is
illustrated in Figure 9. Fixed output signals such as DTR
(data terminal ready) and DSRS (data signaling rate select)
is generated by driving them through a 5k
 resistor
connected to V+.
In applications requiring four RS-232 inputs and outputs
(Figure 10), note that each circuit requires two charge pump
capacitors (C1 and C2) but can share common reservoir
capacitors (C3 and C4). The benefit of sharing common
reservoir capacitors is the elimination of two capacitors and
the reduction of the charge pump source impedance which
effectively increases the output swing of the transmitters.
-
+
-
+
-
+
DTR (20) DATA
TERMINAL READY
DSRS (24) DATA
SIGNALING RATE
RS-232
INPUTS AND OUTPUTS
TD (2) TRANSMIT DATA
RTS (4) REQUEST TO SEND
RD (3) RECEIVE DATA
CTS (5) CLEAR TO SEND
SIGNAL GROUND (7)
15
8
13
7
14
16
-
+
6
R2
R1
T2
T1
9
12
10
11
4
5
3
1
HIN232
C1
1µF
C2
1µF
TD
RTS
RD
CTS
SELECT
+5V
INPUTS AND
OUTPUTS
TTL/CMOS
FIGURE 9. SIMPLE DUPLEX RS-232 PORT WITH CTS/RTS
HANDSHAKING
2
FIGURE 10. COMBINING TWO HIN232s FOR 4 PAIRS OF RS-232 INPUTS AND OUTPUTS
-
+
RS-232
INPUTS AND OUTPUTS
DTR (20) DATA TERMINAL READY
DSRS (24) DATA SIGNALING RATE SELECT
DCD (8) DATA CARRIER DETECT
R1 (22) RING INDICATOR
SIGNAL GROUND (7)
15
8
13
7
14
2
-
4
R2
R1
T2
T1
9
12
10
11
3
1
HIN232
C1
1µF
DTR
DSRS
DCD
R1
+5V
INPUTS AND
OUTPUTS
TTL/CMOS
-
+
-
+
TD (2) TRANSMIT DATA
RTS (4) REQUEST TO SEND
RD (3) RECEIVE DATA
CTS (5) CLEAR TO SEND
8
13
7
14
15
R2
R1
T2
T1
9
12
10
11
4
5
3
1
HIN232
C1
1µF
C2
1µF
TD
RTS
RD
CTS
INPUTS AND
OUTPUTS
TTL/CMOS
-
+
5
C2
1µF
16
C3
2µF
6
2
6
V- V+
-
C4
2µF
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com