Electronic Components Datasheet Search
  English  ▼

X  

DA05CP Datasheet(PDF) 4 Page - Protek Devices

Part # DA05CP
Description  STANDARD CAPACITANCE TVS ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

DA05CP Datasheet(HTML) 4 Page - Protek Devices

  DA05CP Datasheet HTML 1Page - Protek Devices DA05CP Datasheet HTML 2Page - Protek Devices DA05CP Datasheet HTML 3Page - Protek Devices DA05CP Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
www.protekdevices.com
05001.R7 1/05
DA05N
thru
DA24CP
COPYRIGHT © ProTek Devices 2005
SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical
characteristics described herein without notice (except JEDEC).
DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that
the final judgement concerning selection and specifications is the buyer’s and that in furnishing
engineering and technical assistance, ProTek assumes no responsibility with respect to the
selection or specifications of such products.
PACKAGE OUTLINE & DIMENSIONS
ProTek Devices
2929 South Fair Lane, Tempe, AZ 85282
Tel: 602-431-8101 Fax: 602-431-2288
E-Mail: sales@protekdevices.com
Web Site: www.protekdevices.com
BULK ORDERING NOMENCLATURE:
1. No Suffix = Product Shipped in Tubes of 25 pcs per Tube.
Outline & Dimensions: Rev 1 - 11/01, 06003
PACKAGE OUTLINE
A
B
C
D
E
F
G
H
I
J
K
L
19.8
6.60
7.87
0.50
10°
-
5.08
-
1.78
0.84 TYP
0.53
2.54 TYP
-
0.240
0.290
0.010
0°
0.020
-
0.125
-
0.033 TYP
0.015
0.100 TYP
0.780
0.260
0.310
0.020
10°
-
0.200
-
0.070
0.033 TYP
0.021
0.100 TYP
-
6.10
7.37
0.25
0°
0.51
-
3.17
-
0.84 TYP
0.38
2.54 TYP
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
DIMENSIONS
16 PIN DIP
NOTES:
1. Dimensions are exclusive of mold flash and metal
burrs.
A
Orientation Dot
(Pin #1)
I
12 Places
J
12 Places
K
16 Places
L
H
G
F
B
C
E
D
16 Places



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com