Electronic Components Datasheet Search
  English  ▼

X  

HIN232ACBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HIN232ACBZ
Description  High Speed 5V Powered RS-232 Transmitters/Receivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIN232ACBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  HIN232ACBZ Datasheet HTML 1Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 2Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 3Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 4Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 5Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 6Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 7Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 8Page - Renesas Technology Corp HIN232ACBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HIN232A
FN4316 Rev 1.00
Page 2 of 10
March 13, 2006
Pinout
HIN232A (PDIP, SOIC)
TOP VIEW
Pin Descriptions
PIN
FUNCTION
VCC
Power Supply Input 5V
10%.
V+
Internally generated positive supply (+10V nominal).
V-
Internally generated negative supply (-10V nominal).
GND
Ground Lead. Connect to 0V.
C1+
External capacitor (+ terminal) is connected to this lead.
C1-
External capacitor (- terminal) is connected to this lead.
C2+
External capacitor (+ terminal) is connected to this lead.
C2-
External capacitor (- terminal) is connected to this lead.
TIN
Transmitter Inputs. These leads accept TTL/CMOS levels. An internal 400k
 pull-up resistor to VCC is connected to each lead.
TOUT
Transmitter Outputs. These are RS-232 levels (nominally
10V).
RIN
Receiver Inputs. These inputs accept RS-232 input levels. An internal 5k
 pull-down resistor to GND is connected to each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C1+
V+
C1-
C2+
C2-
R2IN
T2OUT
VCC
T1OUT
R1IN
R1OUT
T1IN
T2IN
R2OUT
GND
V-
VCC
+5V
2
V+
16
T1OUT
T2OUT
T1IN
T2IN
T1
T2
11
10
14
7
+5V
400k
+5V
400k
R1OUT
R1IN
R1
13
12
5k
R2OUT
R2IN
R2
8
9
5k
+10V TO -10V
VOLTAGE INVERTER
0.1
F
6
V-
C2+
C2-
+
0.1
F
4
5
+5V TO 10V
VOLTAGE INVERTER
C1+
C1-
+
0.1
F
1
3
+
0.1
F
+
GND
15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com