Electronic Components Datasheet Search
  English  ▼

X  

HIP9011ABZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HIP9011ABZ
Description  Engine Knock Signal Processor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIP9011ABZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  HIP9011ABZ Datasheet HTML 1Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 2Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 3Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 4Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 5Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 6Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 7Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 8Page - Renesas Technology Corp HIP9011ABZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
HIP9011
FN4367 Rev 2.00
Page 3 of 11
January 6, 2006
Absolute Maximum Ratings
Thermal Information
DC Logic Supply, VDD . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7.0V
Output Voltage, VO . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to 7.0V
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7V Max
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 125oC
Thermal Resistance (Typical, Note 1)
JA (oC/W)
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
120
Maximum Power Dissipation, PD
For TA = -40oC to 70oC . . . . . . . . . . . . . . . . . . . . . . . 400mW Max
For TA = 70oC to 125oC, Derate Linearly at . . . . . . . . . . 6mW/oC
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range, TSTG . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . .300oC
At a Distance 1/16
1/32 inch, (1.59 0.79mm) from Case for
10s Max. (SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VDD = 5V 5%, GND = 0V, Clock Frequency 4MHz 0.1%, TA = -40oC to 125oC,
Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DC ELECTRICAL SPECIFICATIONS
Quiescent Supply Current
IDD
VDD = 5.25V, GND = 0V
-
5.0
8.0
mA
Midpoint Voltage, Pin 3
VMID
VDD = 5.0V, IL = 2mA Source
2.3
2.45
2.55
V
Midpoint Voltage, Pin 3
VMID
VDD = 5.0V, IL = 0mA
2.4
2.5
2.6
V
Low Input Voltage, Pins INT/HOLD, CS, SI, SCK
VIL
-
-
30
% of VDD
High Input Voltage, Pins INT/HOLD, CS, SI, SCK
VIH
70
-
-
% of VDD
Hysteresis voltage, Pins INT/HOLD, CS, SI, SCK
VHYST
0.85
-
-
V
Internal Pull-Up Current
I Source CS, SI,
SCK, TEST
VDD = 5.0V, Measured at GND
-
50
-
A
Internal Pull-Down Current
I Sink,
INT/HOLD
VDD = 5.0V, Measured at VDD
--50
-
A
Low Level Output, Pin SO
VOL
ISOURCE = 1.6mA, VDD = 5.0V
0.01
-
0.30
V
High Level Output, Pin SO
VOH
ISINK = 200A, VDD = 5.0V
4.8
4.9
5.0
V
Three-State Leakage Pin SO
IL
Measured at GND; VDD = 5.0V
-
-
10
A
Low Level Output, Pin 10, OSCOUT
VOL
ISOURCE = 500A; VDD = 5.0V
-
-
1.5
V
High Level Output, Pin 10, OSCOUT
VOH
ISINK = -500A; VDD = 5.0V
4.4
-
-
V
SPI BUS INTERFACE
AC Parametrics
CS Falling to SCLK Rising
tCCH
10
-
-
ns
CS Rising to SCLK Falling
tCCL
80
-
-
ns
SCLK Low
tPWL
60
-
-
ns
SCLK High
tPWH
60
-
-
ns
SCLK Falling to CS Rising
tSCCH
60
-
-
ns
Data High Setup Time
tSUH
20
-
-
ns
Data Low Setup Time
tSUL
20
-
-
ns
Data High Hold Time
tHH
10
-
-
ns
Data Low Hold Time
tHL
10
-
-
ns
Min Time Between 2 Programmed Words
tCSH
200
-
-
ns
CS Rising to INT/Hold Rising
tCIH
8-
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com