Electronic Components Datasheet Search
  English  ▼

X  

ICL3207CBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ICL3207CBZ
Description  Low Power, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3207CBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ICL3207CBZ Datasheet HTML 1Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 2Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 3Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 4Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 5Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 6Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 7Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 8Page - Renesas Technology Corp ICL3207CBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ICL3207, ICL3217
FN4892 Rev 7.00
Page 2 of 12
August 21, 2015
Pinout
ICL3207, ICL3217 (SOIC, SSOP)
TOP VIEW
Ordering Information
PART NUMBER*
PART MARKING
TEMPERATURE
RANGE (°C)
PACKAGE
(RoHS Compliant)
PKG. DWG. #
ICL3207CAZ (Note)
ICL3207CAZ
0 to 70
24 Ld SSOP
M24.209
ICL3207CBZ (Note)
ICL3207CBZ
0 to 70
24 Ld SOIC
M24.3
ICL3207IAZ (Note)
ICL3207IAZ
-40 to 85
24 Ld SSOP
M24.209
ICL3217CAZ (Note)
(No longer available, recommended
replacement: ICL3238ECAZ)
ICL3217CAZ
0 to 70
24 Ld SSOP
M24.209
ICL3217CBZ (Note)
(No longer available, recommended
replacement: ICL3238ECAZ)
ICL3217CBZ
0 to 70
24 Ld SOIC
M24.3
ICL3217IAZ (Note)
(No longer available, recommended
replacement: ICL3238ECAZ)
ICL3217IAZ
-40 to 85
24 Ld SSOP
M24.209
ICL3217IBZ (Note)
(No longer available, recommended
replacement: ICL3238ECAZ)
ICL3217IBZ
-40 to 85
24 Ld SOIC
M24.3
*Most surface mount devices are available on tape and reel; add “-T” to suffix.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin
plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are
MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
T3OUT
T1OUT
T2OUT
R1IN
R1OUT
T2IN
T1IN
GND
VCC
C1+
V+
C1-
T4OUT
R2OUT
T5IN
T5OUT
T4IN
R3OUT
V-
C2-
C2+
R2IN
T3IN
R3IN
1
2
3
4
5
6
7
8
9
10
11
12
16
17
18
19
20
21
22
23
24
15
14
13
Pin Descriptions
PIN
FUNCTION
VCC System power supply input (3.0V to 5.5V).
V+
Internally generated positive transmitter supply (+5.5V).
V-
Internally generated negative transmitter supply (-5.5V).
GND Ground connection.
C1+
External capacitor (voltage doubler) is connected to this lead.
C1-
External capacitor (voltage doubler) is connected to this lead.
C2+
External capacitor (voltage inverter) is connected to this lead.
C2-
External capacitor (voltage inverter) is connected to this lead.
TIN TTL/CMOS compatible transmitter Inputs.
TOUT RS-232 level (nominally 5.5V) transmitter Outputs.
RIN RS-232 compatible receiver inputs.
ROUT TTL/CMOS level receiver outputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com