Electronic Components Datasheet Search
  English  ▼

X  

2761007111 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2761007111
Description  Beads- on- Leads
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2761007111 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2761007111 Datasheet HTML 1Page - Fair-Rite Products Corp. 2761007111 Datasheet HTML 2Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Beads- on- Leads (2761007111)
Part Number: 2761007111
61 BEAD ON LEAD
Explanation of Part Numbers:
– Digits 1 & 2 = Product Class
– Digits 3 & 4 = Material Grade
– Last digit 1 = Bulk Packed 2 = Taped and Reeled
Ferrite suppression beads are supplied assembled on tinned copper wire for automated circuit board assembly.
•– Wires are oxygen free high conductivity copper with 100% matte tin plating over a nickel undercoating. The resistance of the
wire is 3.5 mOhm for the 22 AWG and 2.2 mOhm for the 20 AWG wire.
Packaging Options:
•– Beads- on- leads can be supplied bulk packed. The last digit of bulk packed parts is a “1”. Parts with a “2” as the last digit of
the part number are supplied taped and reeled per IEC 60286-1 and EIA RS-296- F standards. Taped and reeled parts are supplied
4500 pieces on a 14″ reel. Taping details: Component pitch 5 mm. Inside tape spacing 52.5 mm. Tape width 6 mm.
•– Our “Bead- on- Lead Suppression Kit” (part number 0199000028) is available for prototype evaluation.
For any bead- on lead requirement not listed here, feel free to contact our customer service group for availability and
pricing.
Weight: 0.6 (g)
Chart Legend
+ Test frequency
Typical Impedance (Ω)
100 MHz
112
250 MHz
+
151
500 MHz
+
171
1000 MHz
182
Dim
mm
mm tol
nominal inch
inch misc.
A
3.5
±0.25
0.138
_
B
62
±1.50
2.44
_
C
9.5
±0.30
0.374
_
D
0.65
_
0
22 AWG


Similar Part No. - 2761007111

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2761007111 FAIR-RITE-2761007111 Datasheet
581Kb / 5P
61 BEAD ON LEAD
More results

Similar Description - 2761007111

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2743015111 FAIR-RITE-2743015111_18 Datasheet
1Mb / 2P
Beads- on- Leads
2743013211 FAIR-RITE-2743013211_18 Datasheet
1Mb / 2P
Beads- on- Leads
2743012201 FAIR-RITE-2743012201_18 Datasheet
1Mb / 2P
Beads- on- Leads
2743009112 FAIR-RITE-2743009112_18 Datasheet
1Mb / 2P
Beads- on- Leads
2743009111 FAIR-RITE-2743009111_18 Datasheet
1Mb / 2P
Beads- on- Leads
2743008112 FAIR-RITE-2743008112_18 Datasheet
1Mb / 2P
Beads- on- Leads
2743008111 FAIR-RITE-2743008111_18 Datasheet
1Mb / 2P
Beads- on- Leads
2761002112 FAIR-RITE-2761002112_18 Datasheet
1Mb / 2P
Beads- on- Leads
2773001112 FAIR-RITE-2773001112_18 Datasheet
1Mb / 2P
Beads- on- Leads
2773009111 FAIR-RITE-2773009111_18 Datasheet
1Mb / 2P
Beads- on- Leads
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com