Electronic Components Datasheet Search
  English  ▼

X  

ICL3232CBNZ Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICL3232CBNZ
Description  One Microamp Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3232CBNZ Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICL3232CBNZ Datasheet HTML 9Page - Renesas Technology Corp ICL3232CBNZ Datasheet HTML 10Page - Renesas Technology Corp ICL3232CBNZ Datasheet HTML 11Page - Renesas Technology Corp ICL3232CBNZ Datasheet HTML 12Page - Renesas Technology Corp ICL3232CBNZ Datasheet HTML 13Page - Renesas Technology Corp ICL3232CBNZ Datasheet HTML 14Page - Renesas Technology Corp ICL3232CBNZ Datasheet HTML 15Page - Renesas Technology Corp ICL3232CBNZ Datasheet HTML 16Page - Renesas Technology Corp ICL3232CBNZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
ICL3221, ICL3222, ICL3223, ICL3232, ICL3241, ICL3243
FN4805 Rev 22.00
Page 13 of 28
September 1, 2015
Mouse Driveability
The ICL324X have been specifically designed to power a
serial mouse while operating from low voltage supplies.
Figure 9 shows the transmitter output voltages under
increasing load current. The on-chip switching regulator
ensures the transmitters will supply at least 5V during worst
case conditions (15mA for paralleled V+ transmitters, 7.3mA
for single V- transmitter). The Automatic Powerdown feature
does not work with a mouse, so FORCEOFF and
FORCEON should be connected to VCC.
High Data Rates
The ICL32XX maintain the RS-232 5V minimum transmitter
output voltages even at high data rates. Figure 10 details a
transmitter loopback test circuit, and Figure 11 illustrates the
loopback test result at 120kbps. For this test, all transmitters
were simultaneously driving RS-232 loads in parallel with
1000pF, at 120kbps. Figure 12 shows the loopback results
for a single transmitter driving 1000pF and an RS-232 load
at 250kbps. The static transmitters were also loaded with an
RS-232 receiver.
TIME (20
s/DIV)
T1
T2
2V/DIV
5V/DIV
VCC = +3.3V
FORCEOFF
FIGURE 8. TRANSMITTER OUTPUTS WHEN EXITING
POWERDOWN
C1 - C4 = 0.1
F
FIGURE 9. TRANSMITTER OUTPUT VOLTAGE vs LOAD
CURRENT (PER TRANSMITTER, i.e., DOUBLE
CURRENT AXIS FOR TOTAL VOUT+ CURRENT)
LOAD CURRENT PER TRANSMITTER (mA)
024
68
10
-6
-4
-2
0
2
4
6
-5
-3
-1
1
3
5
1
3579
VOUT+
VOUT -
VCC
VOUT+
VOUT -
T1
T2
T3
VCC = 3.0V
ICL3241/43
FIGURE 10. TRANSMITTER LOOPBACK TEST CIRCUIT
FIGURE 11. LOOPBACK TEST AT 120kbps
FIGURE 12. LOOPBACK TEST AT 250kbps
ICL32XX
VCC
FORCEOFF
C1
C2
C4
C3
+
+
+
+
1000pF
V+
V-
5K
TIN
ROUT
C1+
C1-
C2+
C2-
RIN
TOUT
+
VCC
0.1
F
VCC
EN
SHDN OR
T1IN
T1OUT
R1OUT
5
s/DIV
VCC = +3.3V
5V/DIV
C1 - C4 = 0.1
F
T1IN
T1OUT
R1OUT
2
s/DIV.
5V/DIV.
VCC = +3.3V
C1 - C4 = 0.1
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com