Electronic Components Datasheet Search
  English  ▼

X  

DMS-30PC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DMS-30PC
Description  3 1/2 DIGIT LED DISPLAY LOW POWER MINIATURE DIGITAL PANEL VOLTMETERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DMS-30PC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DMS-30PC Datasheet HTML 1Page - List of Unclassifed Manufacturers DMS-30PC Datasheet HTML 2Page - List of Unclassifed Manufacturers DMS-30PC Datasheet HTML 3Page - List of Unclassifed Manufacturers DMS-30PC Datasheet HTML 4Page - List of Unclassifed Manufacturers DMS-30PC Datasheet HTML 5Page - List of Unclassifed Manufacturers DMS-30PC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email:sales@datel.com • Internet: www.datel.com
Features
Figure 1. DMS-30PC Series Simplified Schematic
The DMS-30PC Series is a broad line of self-contained, fully operational, 3½
digit voltmeters with large, easy-to-read LED displays. The 0.56"(14.2mm) high
LED's are available in a wide variety of colors including red, orange, amber, yellow,
green, aqua and blue. A high-intensity version of the red display is optional as are
low-power versions of the red, orange and green displays.
The small size (2.17" x 0.92" x 0.56") of DMS-30PC meters is achieved by
integrating their display, display drivers, reference circuit, and A/D converter into in a
single, epoxy-encapsulated assembly. The device's 12-pin, component-like, DIP
package is both vibration and moisture proof. Each package incorporates a built-in
color filter and bezel and is easily mounted in either panels or pc cards.
These meters are available in four differential input voltage ranges (±200mV,
±2V, ±20V and ±200V). Input impedance is 1,000 megohms for the ±200mV and
±2V inputs and 1 megohm for the ±20V and ±200V inputs. CMRR for all devices is
86dB, and inputs are overvoltage protected to ±250V.
Each meter incorporates an extremely stable, double-regulated reference and is
fully calibrated prior to potting. We guarantee outstanding initial accuracy (±1 count)
and excellent stability (±0.15 counts/°C). All models operate from a single +5V
supply, and the low-power models draw as little as 10mA (50mW total power). A
DISPLAY TEST function is standard on each device.
For popular applications (4-to-20mA, rms-to-dc conversion, ac line power, J and
K thermocouples, etc.), the DMS-30PC Series includes a complete line of optional
"plug-on" application boards that conveniently convert your meter into an applica-
tion-specific instrument.
••••• Large (0.56"/14.2mm) LED display
••••• 7 LED colors
••••• Low-power LED’s optional
••••• Epoxy-encapsulated, 12-pin DIP with
built-in color filter and bezel
••••• Miniature size:
2.17" x 0.92" x 0.56"
55mm x 23mm x 14mm
••••• Panel or pc-board mountable
••••• 4 differential input voltage ranges
••••• Auto-calibration, ±1 count accuracy
••••• User-selectable decimal point placement
••••• Single +5V supply (60mW for low-power
models)
••••• 0 to +60°C temperature range
••••• Numerous "plug-on" application
boards
••••• Low cost
Actual Size
3½ Digit, LED Display
Low-Power, Miniature
Digital Panel Voltmeters
DMS-30PC Series
+1.23V REFERENCE OUT
(+) INPUT HI
(–) INPUT LO
ANALOG
COMMON
REFERENCE OUT
REFERENCE IN
+5V SUPPLY
R1
DP 1
DP 2
DP 3
6
5
4
9
11
12
10
8
7
1
3
DC/DC
CONVERTER
2
DISPLAY TEST
5V RETURN
+5V
–5V
+5V
1.23V
REF.
R2
≈+2.0V
DATA
909k
R2 is not used on ±200mV (-0) models or ±2V (-1) models.
R2 = 100k on ±20V (-2) models and 9.1k on ±200V (-3) models.
V+
V–
A/D
CONVERTER
0 Vdc
0.01µF
1.82k
1
1
®®


Similar Part No. - DMS-30PC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
288Kb / 6P
3½ Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
2015
DMS-30PC-0-AS-C MURATA-PS-DMS-30PC-0-AS-C Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-30PC-0-BS-C MURATA-PS-DMS-30PC-0-BS-C Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-30PC-0-GL-C MURATA-PS-DMS-30PC-0-GL-C Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
More results

Similar Description - DMS-30PC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-40PC ETC1-DMS-40PC Datasheet
230Kb / 6P
4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
DMS-20 ETC1-DMS-20 Datasheet
219Kb / 6P
3 1/2 Digit, LCD Display Low-Cost, Subminiature Digital Panel Voltmeters
DMS-20PC ETC-DMS-20PC Datasheet
155Kb / 6P
3쩍 Digit, LED Display Low-Cost, Subminiature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-20LCD MURATA-PS-DMS-20LCD Datasheet
253Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-20PC MURATA-PS-DMS-20PC Datasheet
210Kb / 6P
3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-30LCD MURATA-PS-DMS-30LCD Datasheet
275Kb / 6P
3쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-30PC MURATA-PS-DMS-30PC Datasheet
205Kb / 6P
3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
DMS-40LCD MURATA-PS-DMS-40LCD Datasheet
252Kb / 6P
4쩍 Digit, LCD Display Digital Panel Voltmeters
DMS-40PC MURATA-PS-DMS-40PC Datasheet
235Kb / 6P
4쩍 Digit, LED Display Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DM-350 MURATA-DM-350 Datasheet
995Kb / 3P
3-1/2 Digit Miniature Digital Panel Meter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com