Electronic Components Datasheet Search
  English  ▼

X  

FCN10806 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FCN10806
Description  ~14째 diffused spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FCN10806 Datasheet(HTML) 1 Page - Ledil, Inc.

  FCN10806 Datasheet HTML 1Page - Ledil, Inc. FCN10806 Datasheet HTML 2Page - Ledil, Inc. FCN10806 Datasheet HTML 3Page - Ledil, Inc. FCN10806 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FCN10806_LR1-D
LR1-D
~14° diffused spot beam optimized for LUXEON
Rebel. 14.3 mm high assembly.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 21.6 mm
Height
14.3 mm
Fastening
glue
Colour
white
Box size
Box weight
0 kg
Quantity in Box
1632 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LR1-D
Lens
PMMA
clear
LR-LH1
Holder
PC
white
Last update: 17/09/2015
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FCN10806

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCN10803 LEDIL-FCN10803 Datasheet
1Mb / 3P
~25째 medium beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10804 LEDIL-FCN10804 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10805 LEDIL-FCN10805 Datasheet
1Mb / 3P
~35째 x 25째 rectangular beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10807 LEDIL-FCN10807 Datasheet
1Mb / 4P
~25째 medium beam optimized for CREE XR-E. 16.5 mm high assembly.
FCN10808 LEDIL-FCN10808 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for CREE XR-E. 16.5 mm high assembly.
More results

Similar Description - FCN10806

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA11930 LEDIL-CA11930 Datasheet
3Mb / 6P
~14째 diffused spot beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
CA12262 LEDIL-CA12262 Datasheet
2Mb / 4P
~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly with installation tape.
CA12263 LEDIL-CA12263 Datasheet
4Mb / 4P
~14째 diffused spot beam optimized for LUXEON Rebel. 14.4 mm high assembly with installation tape.
CP10872 LEDIL-CP10872 Datasheet
2Mb / 4P
~14째 diffused spot beam optimized for Nichia NCSxx19A. 14.3 mm high assembly.
FCN11738 LEDIL-FCN11738 Datasheet
1Mb / 4P
~8.5째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN11458 LEDIL-FCN11458 Datasheet
1Mb / 4P
~30째 medium beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10804 LEDIL-FCN10804 Datasheet
1Mb / 4P
~9.6째 spot beam optimized for LUXEON Rebel. 14.3 mm high assembly.
FCN10890 LEDIL-FCN10890 Datasheet
1Mb / 4P
~40째 wide beam optimized for LUXEON Rebel. 14.3 mm high assembly.
CX11359 LEDIL-CX11359 Datasheet
1Mb / 4P
~15째 diffused spot beam optimized for LUXEON Rebel
FA11209 LEDIL-FA11209 Datasheet
1Mb / 5P
~16째 diffused spot beam optimized for LUXEON Rebel
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com