Electronic Components Datasheet Search
  English  ▼

X  

ICL3237EIAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICL3237EIAZ
Description  짹15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3237EIAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICL3237EIAZ Datasheet HTML 1Page - Renesas Technology Corp ICL3237EIAZ Datasheet HTML 2Page - Renesas Technology Corp ICL3237EIAZ Datasheet HTML 3Page - Renesas Technology Corp ICL3237EIAZ Datasheet HTML 4Page - Renesas Technology Corp ICL3237EIAZ Datasheet HTML 5Page - Renesas Technology Corp ICL3237EIAZ Datasheet HTML 6Page - Renesas Technology Corp ICL3237EIAZ Datasheet HTML 7Page - Renesas Technology Corp ICL3237EIAZ Datasheet HTML 8Page - Renesas Technology Corp ICL3237EIAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FN6014 Rev 2.00
Page 1 of 12
July 2004
FN6014
Rev 2.00
July 2004
ICL3237E
±15kV ESD Protected, 10nA Supply-Current, +3V to +5.5V, 250k/1Mbps, RS-232
Transmitters/Receivers
DATASHEET
The Intersil ICL3237E contains 3.0V to 5.5V powered
RS-232 transmitters/receivers which meet ElA/TIA-232 and
V.28/V.24 specifications, even at VCC = 3.0V. Additionally, it
provides 15kV ESD protection (IEC61000-4-2 Air Gap and
Human Body Model) on transmitter outputs and receiver
inputs (RS-232 pins). Targeted applications are cell phones,
PDAs, Palmtops, and notebook and laptop computers where
the low operational, and even lower standby, power
consumption is critical. Efficient on-chip charge pumps,
coupled with the manual powerdown function, reduce the
standby supply current to a 10nA trickle. Small footprint
packaging, and the use of small, low value capacitors
ensure board space savings as well. Data rates greater than
1Mbps (MBAUD = VCC) are guaranteed at worst case load
conditions. The ICL3237E is fully compatible with 3.3V only
systems, mixed 3.3V and 5.0V systems, and 5.0V only
systems.
The ICL3237E is a 5 driver, 3 receiver device that also
includes a noninverting always-active receiver for “wake-up”
capability.
Table 1 summarizes the features of the device represented
by this data sheet, while Application Note AN9863
summarizes the features of each device comprising the
ICL32XX 3V family.
Features
• ESD Protection For RS-232 I/O Pins to 15kV (IEC61000)
• Pin Compatible Replacement for MAX3237E
• Pin Selectable, Guaranteed Data Rate . . 250kbps/1Mbps
• Meets EIA/TIA-232 and V.28/V.24 Specifications at 3V
• RS-232 Compatible with VCC = 2.7V
• Latch-Up Free
• On-Chip Voltage Converters Require Only Four External
Capacitors
• Manual Powerdown Feature
• Flow Through Pinout
• Rx and Tx Hysteresis For Improved Noise Immunity
• Rx Active in Powerdown; Separate Rx Enable Pin
• Guaranteed Minimum Slew Rate . . . . . . . 6V/
s or 24V/s
• Wide Power Supply Range . . . . . . . Single +3V to +5.5V
• Low Supply Current in Powerdown State. . . . . . . . . .10nA
• Pb-free available
Applications
• Any System Requiring RS-232 Communication Ports
- Battery Powered, Hand-Held, and Portable Equipment
- Laptop Computers, Notebooks, Palmtops
- Modems, Printers and other Peripherals
- Data Cradles and Cables
- Cellular/Mobile Phone
TABLE 1. SUMMARY OF FEATURES
PART
NUMBER
NO. OF
Tx.
NO. OF
Rx.
NO. OF
MONITOR Rx.
(ROUTB)
(NOTE 1)
DATA
RATE
(kbps)
Rx. ENABLE
FUNCTION?
READY
OUTPUT?
MANUAL
POWER-
DOWN?
AUTOMATIC
POWERDOWN
FUNCTION?
ICL3237E
5
3
1
250/1000
YES
NO
YES
NO
NOTE:
1. Data rate is selectable via the MBAUD pin.


Similar Part No. - ICL3237EIAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3237EIAZ INTERSIL-ICL3237EIAZ Datasheet
302Kb / 12P
-15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
July 2004
logo
Renesas Technology Corp
ICL3237EIAZ RENESAS-ICL3237EIAZ Datasheet
318Kb / 21P
±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
Apr.26.19
ICL3237EIAZ-T RENESAS-ICL3237EIAZ-T Datasheet
318Kb / 21P
±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
Apr.26.19
More results

Similar Description - ICL3237EIAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83239E INTERSIL-ISL83239E Datasheet
567Kb / 12P
짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
September 2001
ICL3237E INTERSIL-ICL3237E Datasheet
302Kb / 12P
-15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250k/1Mbps, RS-232 Transmitters/Receivers
July 2004
ICL3237 INTERSIL-ICL3237 Datasheet
239Kb / 11P
1 Microamp Supply-Current, 3V to 5.5V, 1Mbps, RS-232 Transmitters/Receivers
October 21, 2005
ISL83385E INTERSIL-ISL83385E_05 Datasheet
275Kb / 11P
짹15kV ESD Protected, 3V to 5.5V, 1 Microamp, 250kbps, RS-232 Transmitters/Receivers
January 16, 2005
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
ISL83239E INTERSIL-ISL83239E_04 Datasheet
343Kb / 11P
짹15kV ESD Protected, 10nA Supply- Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
ICL3245ECAZ-T INTERSIL-ICL3245ECAZ-T Datasheet
450Kb / 20P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers
February 27, 2006
ICL3241EIA INTERSIL-ICL3241EIA Datasheet
699Kb / 33P
짹15kV ESD Protected, 3V to 5.5V, 1關A, 250kbps, RS-232 Transmitters/Receivers
February 22, 2010
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83239E RENESAS-ISL83239E Datasheet
602Kb / 11P
±15kV ESD Protected, 10nA Supply-Current, 3V to 5.5V, 250kbps, RS-232 Transmitters/Receivers
June 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com