Electronic Components Datasheet Search
  English  ▼

X  

ICL7136 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICL7136
Description  31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL7136 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICL7136 Datasheet HTML 1Page - Renesas Technology Corp ICL7136 Datasheet HTML 2Page - Renesas Technology Corp ICL7136 Datasheet HTML 3Page - Renesas Technology Corp ICL7136 Datasheet HTML 4Page - Renesas Technology Corp ICL7136 Datasheet HTML 5Page - Renesas Technology Corp ICL7136 Datasheet HTML 6Page - Renesas Technology Corp ICL7136 Datasheet HTML 7Page - Renesas Technology Corp ICL7136 Datasheet HTML 8Page - Renesas Technology Corp ICL7136 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
FN3086 Rev 6.00
Page 1 of 15
July 21, 2005
FN3086
Rev 6.00
July 21, 2005
ICL7136
31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
DATASHEET
The Intersil ICL7136 is a high performance, low power 31/2
digit, A/D converter. Included are seven segment decoders,
display drivers, a reference, and a clock. The ICL7136 is
designed to interface with a liquid crystal display (LCD) and
includes a multiplexed backplane drive.
The ICL7136 brings together a combination of high
accuracy, versatility, and true economy. It features auto-zero
to less than 10
V, zero drift of less than 1V/oC, input bias
current of 10pA (Max), and rollover error of less than one
count. True differential inputs and reference are useful in all
systems, but give the designer an uncommon advantage
when measuring load cells, strain gauges and other bridge
type transducers. Finally, the true economy of single power
supply operation, enables a high performance panel meter
to be built with the addition of only 10 passive components
and a display.
The ICL7136 is an improved version of the ICL7126,
eliminating the overrange hangover and hysteresis effects,
and should be used in its place in all applications. It can also
be used as a plug-in replacement for the ICL7106 in a wide
variety of applications, changing only the passive
components.
Features
• First Reading Overrange Recovery in One Conversion
Period
• Guaranteed Zero Reading for 0V Input on All Scales
• True Polarity at Zero for Precise Null Detection
• 1pA Typical Input Current
• True Differential Input and Reference, Direct Display Drive
- LCD ICL7136
• Low Noise - Less Than 15
VP-P
• On Chip Clock and Reference
• No Additional Active Circuits Required
• Low Power - Less Than 1mW
• Surface Mount Package Available
• Drop-In Replacement for ICL7126, No Changes Needed
• Pb-Free Plus Anneal Available (RoHS Compliant)
Ordering Information
PART NUMBER
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ICL7136CPL
0 to 70
40 Ld PDIP
E40.6
ICL7136CPLZ
(Note 1)
0 to 70
40 Ld PDIP
(Pb-free) (Note 2)
E40.6
ICL7136CM44
0 to 70
44 Ld MQFP
Q44.10x10
ICL7136CM44Z
(Note 1)
0 to 70
44 Ld MQFP
(Pb-free)
Q44.10x10
ICL7136CM44ZT
(Note 1)
44 Ld MQFP Tape and Reel
(Pb-free)
Q44.10x10
NOTES:
1. Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and
100% matte tin plate termination finish, which are RoHS
compliant and compatible with both SnPb and Pb-free soldering
operations. Intersil Pb-free products are MSL classified at
Pb-free peak reflow temperatures that meet or exceed the
Pb-free requirements of IPC/JEDEC J STD-020.
2. Pb-free PDIPs can be used for through hole wave solder
processing only. They are not intended for use in Reflow solder
processing applications.


Similar Part No. - ICL7136

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7136 MAXIM-ICL7136 Datasheet
672Kb / 8P
Low Power, 3쩍 Digit A/D Converter
19-0951; Rev 2; 9/96
logo
Intersil Corporation
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
July 21, 2005
ICL7136 INTERSIL-ICL7136 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICL7136 INTERSIL-ICL7136 Datasheet
498Kb / 15P
31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
July 21, 2005
logo
Maxim Integrated Produc...
ICL7136C/D MAXIM-ICL7136C/D Datasheet
672Kb / 8P
Low Power, 3쩍 Digit A/D Converter
19-0951; Rev 2; 9/96
More results

Similar Description - ICL7136

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
1998 07
ICL7116 INTERSIL-ICL7116 Datasheet
140Kb / 14P
31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
January 1998
ICL7136 INTERSIL-ICL7136 Datasheet
497Kb / 15P
3 1/2 Digit LCD/LED, Low Power Display, A/D Converters with Overrange Recovery
July 21, 2005
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
3 1/2 Digit, LCD/LED Display, A/D Converter
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Intersil Corporation
ICL7136CPL INTERSIL-ICL7136CPL Datasheet
498Kb / 15P
31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
July 21, 2005
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
31/2 Digit, LCD/LED Display, A/D Converters
logo
Cyrustek corporation
ES5107 CYRUSTEK-ES5107 Datasheet
282Kb / 20P
31/2 DIGIT A/D CONVERTER W/LED
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136_V01 Datasheet
1Mb / 5P
Low Power, 31?? Digit A/D Converter with Display Hold
2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com