Electronic Components Datasheet Search
  English  ▼

X  

DPG60B600LB Datasheet(PDF) 4 Page - IXYS Corporation

Part # DPG60B600LB
Description  High Performance Fast Recovery Diode Low Loss and Soft Recovery 1~ Rectifier Bridge
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DPG60B600LB Datasheet(HTML) 4 Page - IXYS Corporation

  DPG60B600LB Datasheet HTML 1Page - IXYS Corporation DPG60B600LB Datasheet HTML 2Page - IXYS Corporation DPG60B600LB Datasheet HTML 3Page - IXYS Corporation DPG60B600LB Datasheet HTML 4Page - IXYS Corporation DPG60B600LB Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DPG60B600LB
1
2
3
6 5 4
9
8
7
2 `0,05
(3x)
18 `0,1
2,75 `0,1
5,5 `0,1
13,5 `0,1
16,25 `0,1
19 `0,1
25 `0,2
0,5 `0,1
9 `0,1
1 `0,05
(6x)
2)
2)
1)
A
0,55 `0,1
4 `0,05
c 0,05
3)
A ( 8 : 1 )
0
0,15
+
2°
c 0,1
seating plane
Pin number
Notes:
1) potrusion may add 0.2 mm max. on each side
2) additional max. 0.05 mm per side by punching misalignement
or overlap of dam bar or bending compression
3) DCB area 10 to 50 µm convex;
position of DCB area in relation to plastic rim: ±25 µm
(measured 2 mm from Cu rim)
4) terminal plating: 0.2 - 1 µm Ni + 10 - 25 µm Sn (gal v.)
cutting edges may be partially free of plating
6
9
1
7
5
4
2
3
8 = n/c
Outlines
SMPD
IXYS reserves the right to change limits, conditions and dimensions.
20140108a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2014 IXYS all rights reserved



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com