Electronic Components Datasheet Search
  English  ▼

X  

FS75R06KE3 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FS75R06KE3
Description  EconoPACK mit schnellem Trench
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R06KE3 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FS75R06KE3 Datasheet HTML 1Page - Infineon Technologies AG FS75R06KE3 Datasheet HTML 2Page - Infineon Technologies AG FS75R06KE3 Datasheet HTML 3Page - Infineon Technologies AG FS75R06KE3 Datasheet HTML 4Page - Infineon Technologies AG FS75R06KE3 Datasheet HTML 5Page - Infineon Technologies AG FS75R06KE3 Datasheet HTML 6Page - Infineon Technologies AG FS75R06KE3 Datasheet HTML 7Page - Infineon Technologies AG FS75R06KE3 Datasheet HTML 8Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EconoPACK™mitschnellemTrench/FeldstopIGBT³undEmitterControlled3Diode
EconoPACK™withfasttrench/fieldstopIGBT³andEmitterControlled3diode
1
TechnischeInformation/TechnicalInformation
FS75R06KE3
IGBT-Module
IGBT-modules
preparedby:CM
approvedby:RS
dateofpublication:2013-10-03
revision:2.0
VorläufigeDaten
PreliminaryData
IGBT,Wechselrichter/IGBT,Inverter
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

600
 V
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TC = 70°C, Tvj max = 175°C
IC nom

75
 A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

150
 A
Gesamt-Verlustleistung
Totalpowerdissipation
TC = 25°C, Tvj max = 175
Ptot

250
 W
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage

VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 75 A, VGE = 15 V
IC = 75 A, VGE = 15 V
IC = 75 A, VGE = 15 V
VCE sat
1,45
1,60
1,70
1,90
V
V
V
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 1,20 mA, VCE = VGE, Tvj = 25°C
VGEth
4,9
5,8
6,5
V
Gateladung
Gatecharge
VGE = -15 V ... +15 V
QG

0,80

µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint

0,0

Ω
Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies

4,60

nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres

0,145

nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 600 V, VGE = 0 V, Tvj = 25°C
ICES


1,0
mA
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES


400
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 75 A, VCE = 300 V
VGE = ±15 V
RGon = 5,1
Ω
td on

0,025
0,025
0,025

µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 75 A, VCE = 300 V
VGE = ±15 V
RGon = 5,1
Ω
tr

0,02
0,02
0,02

µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 75 A, VCE = 300 V
VGE = ±15 V
RGoff = 5,1
Ω
td off

0,21
0,24
0,25

µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 75 A, VCE = 300 V
VGE = ±15 V
RGoff = 5,1
Ω
tf

0,06
0,07
0,07

µs
µs
µs
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 75 A, VCE = 300 V, LS = 30 nH
VGE = ±15 V, di/dt = 4000 A/µs (Tvj = 150°C)
RGon = 5,1
Ω
Eon

0,35
0,50
0,60

mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 75 A, VCE = 300 V, LS = 30 nH
VGE = ±15 V, du/dt = 4000 V/µs (Tvj = 150°C)
RGoff = 5,1
Ω
Eoff

2,40
2,80
3,00

mJ
mJ
mJ
Tvj = 25°C
Tvj = 125°C
Tvj = 150°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 360 V
VCEmax = VCES -LsCE ·di/dt
ISC

530
380

A
A
Tvj = 25°C
Tvj = 150°C
tP
≤ 8 µs,
tP
≤ 6 µs,
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proIGBT/perIGBT
RthJC


0,60
K/W
Wärmewiderstand,GehäusebisKühlkörper
Thermalresistance,casetoheatsink
proIGBT/perIGBT
λPaste=1W/(m·K)/λgrease=1W/(m·K)
RthCH

0,20
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions

Tvj op
-40

150
°C


Similar Part No. - FS75R06KE3

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS75R06KE3 EUPEC-FS75R06KE3 Datasheet
308Kb / 8P
EconoPACK with fast trench/fieldstop IGBT and EmCon3 diode
More results

Similar Description - FS75R06KE3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
FS200R12PT4 INFINEON-FS200R12PT4 Datasheet
1Mb / 9P
EconoPACK?? Modul mit schnellem Trench/Feldstopp IGBT4 und Emitter Controlled 4 Diode
2009-11-05 revision 2.1
FF50R12RT4 INFINEON-FF50R12RT4 Datasheet
591Kb / 9P
34mm Modul mit schnellem Trench
2013-11-05 revision:2.0
FP75R12KT4 INFINEON-FP75R12KT4_18 Datasheet
699Kb / 12P
EconoPIM3 Modul mit schnellem Trench
V3.0 2018-03-02
FP75R12KT4_B11 INFINEON-FP75R12KT4_B11_13 Datasheet
873Kb / 12P
EconoPIM3 Modul mit schnellem Trench
2013-10-29 revision:3.0
FP75R12KT4P INFINEON-FP75R12KT4P Datasheet
739Kb / 12P
EconoPIM3 Modul mit schnellem Trench
V3.0 2017-03-17
FP75R12KT4P_B11 INFINEON-FP75R12KT4P_B11 Datasheet
746Kb / 12P
EconoPIM3 Modul mit schnellem Trench
V3.0 2017-04-11
FS50R06KE3 INFINEON-FS50R06KE3 Datasheet
508Kb / 8P
EconoPACK3 mit schnellem Trench
2013-10-03 revision:2.0
FS50R12KT3 INFINEON-FS50R12KT3 Datasheet
464Kb / 8P
EconoPACK2 Modul mit schnellem Trench
2013-10-03 revision:2.1
FS75R12KT3 INFINEON-FS75R12KT3 Datasheet
458Kb / 8P
EconoPACK2 Modul mit schnellem Trench
:2013-10-03 revision:2.1
FS75R12KT3G INFINEON-FS75R12KT3G Datasheet
462Kb / 8P
EconoPACK3 Modul mit schnellem Trench
2013-10-03 revision:2.1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com