Electronic Components Datasheet Search
  English  ▼

X  

EAST2012YA4 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # EAST2012YA4
Description  Compatible with automatic placement equipment.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAST2012YA4 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  EAST2012YA4 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAST2012YA4 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAST2012YA4 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAST2012YA4 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAST2012YA4 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAST2012YA4 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAST2012YA4 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAST2012YA4 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAST2012YA4 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Typical Electro-Optical Characteristics Curves
Radiation Diagram
Ta=25°C
1.0
0.9
0.8
0.7
0.5 0.3 0.1 0.2 0.4 0.6
30°
40°
50°
60°
70°
80°
90°
0°
10° 20°
500
25
0
50
75
100
550
600
Wavelength λ (nm)
650
700
Ta=25°C
Spectrum Distribution
Forward Current Derating Curve
Ambient Temperature Ta (°C)
Forward Voltage V (V)
F
Forward Current vs.
Forward Voltage
Ambient Temperature Ta (°C
-60
1
10
-40 -20 0 20 40 60
)
100
80
100
1000
Relative Luminous Intensity vs.
Ambient Temperature
10
1
10
100
1000
Forward Current
10
10
I F (mA)
Ta=25°
Relative Luminous Intensity vs
Forward Current
DATASHEET
EAST2012YA4
Page 4 of 9
Rev. 0.01



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com