Electronic Components Datasheet Search
  English  ▼

X  

GSX-321 Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # GSX-321
Description  Miniature 2.5 x 2.0mm SM Crystal
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-321 Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GSX-321 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-321 Datasheet HTML 2Page - Golledge Electronics Ltd GSX-321 Datasheet HTML 3Page - Golledge Electronics Ltd GSX-321 Datasheet HTML 4Page - Golledge Electronics Ltd GSX-321 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GSX-321 2/5
v1.0
Frequency range
12.0 ~ 66.0MHz
Dimensions
2.5 x 2.0 x 0.6mm
Storage temperature range -40 to +85°C
Equivalent series
resistance
200Ω max (12.0 ~ 12.9MHz)
150Ω max (13.0 ~ 15.9MHz)
80Ω max (16.0 ~ 19.9MHz)
60Ω max (20.0 ~ 29.9MHz)
50Ω max (30.0 ~ 34.9MHz)
40Ω max (35.0 ~ 66.0MHz)
Test drive level
10µW typ, 100µW max
Soldering condition
260°C, 10 sec x2 max
SPECIFICATIONS
PACKAGE DRAWING



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com