Electronic Components Datasheet Search
  English  ▼

X  

ISL5585ECM Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL5585ECM
Description  3.3V Ringing SLIC Family for Voice Over Broadband (VOB)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL5585ECM Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL5585ECM Datasheet HTML 15Page - Renesas Technology Corp ISL5585ECM Datasheet HTML 16Page - Renesas Technology Corp ISL5585ECM Datasheet HTML 17Page - Renesas Technology Corp ISL5585ECM Datasheet HTML 18Page - Renesas Technology Corp ISL5585ECM Datasheet HTML 19Page - Renesas Technology Corp ISL5585ECM Datasheet HTML 20Page - Renesas Technology Corp ISL5585ECM Datasheet HTML 21Page - Renesas Technology Corp ISL5585ECM Datasheet HTML 22Page - Renesas Technology Corp ISL5585ECM Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
ISL5585
FN6026 Rev 6.00
Page 21 of 23
October 21, 2004
Special Considerations for the QFN
Package
The new Quad Flatpack No-lead (QFN) package offers a
significant footprint reduction (65%) and improved thermal
performance with respect to the 28 lead PLCC. To realize the
thermal enhancements and maintain the high voltage
(-100V) performance, the exposed pad on the bottom of the
QFN package should be soldered to a power/heat sink plane
that is electrically connected to the ISL5585 Substrate
Common Connection (SCC) pin. The heat is distributed evenly
across the board by way of the heat sink plane. This is
accomplished by using conductive thermal vias. Reference
technical brief TB379 and AN9922 for additional information on
thermal characterization and board layout considerations.
TABLE 2. ISL5585 3V APPLICATION CIRCUIT COMPONENTS
COMPONENT
VALUE
TOL
RATING
U1 - Ringing SLIC
ISL5585
N/A
N/A
RTL
18.7k
1%
0.1W
RRT
23.7k
1%
0.1W
RSH
49.9k
1%
0.1W
RIL
71.5k
1%
0.1W
RS
66.5k
1%
0.1W
RF
30.1k
1%
0.1W
RA
36.5k
1%
0.1W
RB
42.2Kk
1%
0.1W
RIN
45.3k
1%
0.1W
CRS, CTX, CRT, CPOL
0.47
F
20%
10V
CDC, CFB
4.7
F
20%
6.3V
CPS1
0.1
F
20%
>100V
CPS2, CPS3
0.1
F
20%
100V
D1
1N400X type with breakdown > 100V.
RP1, RP2
Standard applications will use
49 per side. Protection resistor
values are application dependent and will be determined by
protection requirements.
Design Parameters: Ring Trip Threshold = 76mAPEAK, Switch Hook
Threshold = 12mA, Loop Current Limit = 24.6mA, Synthesize Device
Impedance = (3*66.5k
/400 = 498.8, with 49.9 protection
resistors, impedance across Tip and Ring terminals = 599
.
Transient current limit = 95mA.
FIGURE 17. ISL5585 3.3V APPLICATION CIRCUIT
AUX
VRS
TIP
VFB
BGND
AGND
RING
VTX
-IN
SH
RT
CDC
ILIM
ISL5585
VCC
POL
CRS
RIL
CFB
RS
RSH
CRT
RRT
CPOL
CDC
U1
RP1
RP2
VCC VBL VBH
D1 1N4004
CPS1
CPS3
CPS2
TL
RTL
+
-
RF
RA
RB
CODEC
+2.4V
TX IN
RIN
V2W
+
-
PCM to V2W Gain = +3.33dB, digital gain set to 0dB
V2W to PCM Gain = -9.3 dB, digital gain set to 0dB
Digital
Gain
0dB
Digital
Gain
0dB
PCM
PCM
0 dBm0, CODEC output voltage = 0.531Vrms
0 dBm0, V2W = 0.7795Vrms
Design Equations
RS = 133.33(ZL - 2RP)
Gain PCM to V2W = RS/RIN = 66.5k/45.3k =1.46
66.5k
45.3k
V2W to PCM Gain = V2W (G2-4)(RF/RA) = (0.7795)(0.416)(30.1k/36.5k) = 0.267
30.1k
36.5k
42.2k
0.47uF
0.47uF
0.47uF
dB Gain =20log (0.7795/ 0.531) = +3.33dB
dB Gain =20log (0.267/0.7795) = - 9.3dB
600
49.9
49.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com