Electronic Components Datasheet Search
  English  ▼

X  

ISL8487IBZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL8487IBZ
Description  1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8487IBZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL8487IBZ Datasheet HTML 1Page - Renesas Technology Corp ISL8487IBZ Datasheet HTML 2Page - Renesas Technology Corp ISL8487IBZ Datasheet HTML 3Page - Renesas Technology Corp ISL8487IBZ Datasheet HTML 4Page - Renesas Technology Corp ISL8487IBZ Datasheet HTML 5Page - Renesas Technology Corp ISL8487IBZ Datasheet HTML 6Page - Renesas Technology Corp ISL8487IBZ Datasheet HTML 7Page - Renesas Technology Corp ISL8487IBZ Datasheet HTML 8Page - Renesas Technology Corp ISL8487IBZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
ISL8487, ISL81483, ISL81487
FN6050 Rev 8.00
Page 2 of 14
March 14, 2016
Pinout
ISL8487, ISL81483, ISL81487 (PDIP, SOIC)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z *
High-Z *
*Shutdown Mode for ISL8487, ISL81483 (see Note 7)
RECEIVING
INPUTS
OUTPUT
RE
DE
A-B
RO
00
 +0.2V
1
00
 -0.2V
0
0
0
Inputs Open
1
10
X
High-Z *
1
1
X
High-Z
*Shutdown Mode for ISL8487, ISL81483 (see Note 7)
Ordering Information
PART NO.
PART MARKING
TEMP. RANGE (°C)
PACKAGE
PKG. DWG. #
ISL8487IBZ (Note) (No longer
available, recommended
replacement ISL8487EIBZ)
8487IBZ
-40 to 85
8 Ld SOIC* (Pb-free)
M8.15
ISL8487IPZ (Note) (No longer
available, recommended
replacement ISL8487EIPZ)
8487IPZ
-40 to 85
8 Ld PDIP** (Pb-free)
E8.3
ISL81483IBZ (Note)
81483IBZ
-40 to 85
8 Ld SOIC* (Pb-free)
M8.15
ISL81483IPZ (Note)
81483IPZ
-40 to 85
8 Ld PDIP** (Pb-free)
E8.3
ISL81487IBZ (Note)
81487IBZ
-40 to 85
8 Ld SOIC* (Pb-free)
M8.15
*SOIC also available in Tape and Reel; Add “-T” to suffix.
**Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish,
which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com