Electronic Components Datasheet Search
  English  ▼

X  

ISL8487IPZ Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ISL8487IPZ
Description  1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL8487IPZ Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ISL8487IPZ Datasheet HTML 6Page - Renesas Technology Corp ISL8487IPZ Datasheet HTML 7Page - Renesas Technology Corp ISL8487IPZ Datasheet HTML 8Page - Renesas Technology Corp ISL8487IPZ Datasheet HTML 9Page - Renesas Technology Corp ISL8487IPZ Datasheet HTML 10Page - Renesas Technology Corp ISL8487IPZ Datasheet HTML 11Page - Renesas Technology Corp ISL8487IPZ Datasheet HTML 12Page - Renesas Technology Corp ISL8487IPZ Datasheet HTML 13Page - Renesas Technology Corp ISL8487IPZ Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ISL8487, ISL81483, ISL81487
FN6050 Rev 8.00
Page 10 of 14
March 14, 2016
FIGURE 8. DRIVER OUTPUT CURRENT vs SHORT CIRCUIT
VOLTAGE
FIGURE 9. SUPPLY CURRENT vs TEMPERATURE
FIGURE 10. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL8487, ISL81483)
FIGURE 11. DRIVER SKEW vs TEMPERATURE
(ISL8487, ISL81483)
FIGURE 12. DRIVER PROPAGATION DELAY vs
TEMPERATURE (ISL81487)
FIGURE 13. DRIVER SKEW vs TEMPERATURE
(ISL81487)
Typical Performance Curves VCC = 5V, TA = 25°C, ISL8487, ISL81483 and ISL81487; Unless Otherwise Specified (Continued)
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-60
-40
-20
0
20
40
60
80
100
120
140
160
-80
-100
-120
Y OR Z = HIGH
Y OR Z = LOW
ISL81487E
ISL81487E
ISL8487E, ISL81487L
ISL8487E, ISL81487L
100
150
200
250
300
350
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
400
ISL81487E, DE = VCC, RE = X
ISL8487E, ISL81487L, DE = VCC, RE = X
ISL81487E, DE = GND, RE = X
ISL8487E, ISL81487L, DE = GND, RE = GND
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
tPLHY
tPHLY
tPLHZ
tPHLZ
450
500
550
600
650
700
750
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSS PT. OF Y
 & Z - CROSS PT. OF Y & Z|
0
50
100
150
200
250
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
tPLHY
tPHLZ
tPLHZ
16
18
20
22
24
26
28
30
tPHLY
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
|tPLHY - tPHLZ|
|tPHLY - tPLHZ|
|CROSSING PT. OF Y
 & Z - CROSSING PT. OF Y & Z|
0
1
2
3
4
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com