Electronic Components Datasheet Search
  English  ▼

X  

EV500 Datasheet(PDF) 2 Page - Tyco Electronics

Part # EV500
Description  Kilovac EV500 BUBBA - 600 Amps Make & Break Load Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

EV500 Datasheet(HTML) 2 Page - Tyco Electronics

  EV500 Datasheet HTML 1Page - Tyco Electronics EV500 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features:
Features:
CII Technologies / P.O. Box 4422 / Santa Barbara, CA 93140 / ph 805.684.4560 / fax 805.684.9679 / e-mail info@kilovac.com / website www.ciitech.com
21
L IF E RAT IN G S AN D Q UAL IF ICAT IO N T E S T PL AN
No rm a l O p e rations
A b norm a l O p eratio ns
Te st #
1
2
3
4
C u rre n t
re fe re n c e gra p h an d
-25 0 A
2 50 0 A
Vo lta g e
te st circ uit dia g ra m (s ht. 8)
3 2 0 V
3 20 V
Lo ad Typ e
C a p a citive
C a p a citive
R e sistiv e
R esistive
% P re C h arge
90 %
7 0 %
N /A
N /A
S w itc h M o d e
ma k e
on ly
ma k e
on ly
m a k e / break
break on ly
Se q u e n c e
1
1 0 K cycle s
1 0 cycle s
2
2
2
10 K
1 0
2
3
10 K
1 0
2
4
10 K
1 0
2
2
5
10 K
1 0
2
E tc .
C o n tin u e C y c lin g to R e la y F a ilu re
Th e te s ting ob je c tiv e is to v e rify pro p e r re la y fu n c tio n fo r a give n nu m b e r o f c o nsec u tiv e an d cu m u la tiv e
c yc les un de r bo th no rm a l an d a b n o rm al cond itio ns in a v a riety o f lo ad s w itc h in g a p p lic a tio n s . Th e life
ra ting of 40 K cy c le s m inim u m w a s c a lc u late d w ith 95 % W e ib ull re lia bility .
CURRE NT vs TIME
CONTACT S CLOS E D I NT O 7 0 % AND 9 0% CAP AC IT OR P R E CHARGE
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
750
012
34
56
78
EV500 Contact Ratings
Electrical Data (Over Temperature Range - Max. Terminal Temp. = 200oC)
(1) Resistive load includes inductance L = 25 uH.
(2) Testing is limited at this time. Consult factory for offical ratings.
Make/Break Life for Capacitive & Resistive Loads at 320 Vdc (1) (2)
@ 90% capacitive pre-charge
Cycles
50,000
@ 70% capacitive pre-charge
Cycles
50
@ -250 A (2 consecutive, reverse polarity) (1)
Cycles
10
@ 3300 A (break only, 2 consecutive) (1)
Cycles
4
Mechanical Life
Cycles
100,000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com