Electronic Components Datasheet Search
  English  ▼

X  

EV5103 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # EV5103
Description  G5103 White LED Demo Board V1.0
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

EV5103 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  EV5103 Datasheet HTML 1Page - Global Mixed-mode Technology Inc EV5103 Datasheet HTML 2Page - Global Mixed-mode Technology Inc EV5103 Datasheet HTML 3Page - Global Mixed-mode Technology Inc EV5103 Datasheet HTML 4Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Jan 21, 2003
TEL: 886-3-5788833
http://www.gmt.com.tw
2
EV5103-10
Global Mixed-mode Technology Inc.
Components List
Designation
Qty
Value& P/N
Description
Vendor
R1
1
27
Ω_1%
Current Sense Resistor
R2
1
120K
Ω_1%
Feedback Resistor (recommend)
R3
1
240K
Ω_1%
PWM Dimming Control Bias Resistor
R4
1
620K
Ω_1%
PWM Dimming Control Mixer Resistor
Std
C1
1
4.7µF
Input Capacitor
C2
1
0.1µF
Output Capacitor
C3
1
1µF
Input Capacitor
C4
1
1µF
Output Capacitor
C5
1
0.1µF
Bypass Capacitor
TAIYO YUDEN
10µH/0.5A IDC
(LQH32CN100K31)
Inductor
MURATA
L1
1
10µH/0.5A IDC
(976AS-100M)
Inductor
TOKO
D1
1
0.5A/30V(MBR0530) Schottky Diode
ON Semi
U1
1
G5103
Micro Power Step-up DC/DC Converter
U2
1
G914C
Mirco power LDO regulator. VOUT=3.0V
Global Mixed-Mode Technology
http://www.gmt.com.tw
U3
1
PIC12C509A
8 bits micro-controller
Miocrochip
SW1~3
3
Push button switch
Std
LED1~4
4
NSCW100
White LED
NICHIA corporation
Circuit Description
The demo board is configured as a constant current supply. Current regulation is accomplished by regulating
the voltage across a current sense resistor R1. For dimming the LEDs is to inject a pulse width modulated
(PWM) voltage for analog dimming. With this method, the PWM control voltage is converted to its equivalent
analog control voltage. The demo board is designed so that the negative duty cycle from 0% to 100% varies
the LED current from 0mA to 20mA. The output current increases as the duty cycle increases. Use the
equation below to calculate the correctly resistor values.
VBAT:
Li-Ion battery power input, bypass to ground with a 4.7µF MLCC capacitor.
VBIAS:
+3.0VDC provide a PWM dimming DC bias voltage. It is generated by G914C from VBAT.
R1:
is LED current sense resistor. R1= 0.60V / ILED,MAX = 0.60V / 20mA = 30
Ω
R2:
is feedback resistor, 120K
Ω is recommended.
R4:
is PWM dimming control mixer resistor. The value is depended on PWM dimming control signal
amplitude. R4= (VH - VL) / (0.6V / 120K
Ω). (maximum value, a little small value could be used)
For 3.0V PWM control signal: R4= 3V / (0.6V / 120K
Ω) = 600KΩ.
For 3.3V PWM control signal: R4= 3.3V / (0.6V / 120K
Ω) = 660KΩ.
For 5.0V PWM control signal: R4= 5V / (0.6V / 120K
Ω) = 1MΩ.
R3:
is PWM dimming control bias resistor. The value is depended on VBIAS voltage.
R3=( VBIAS– VFB) /[(0.6V/120 K
Ω)+(VFB / R4)].
For 3VDC VBIAS:= (3.0V – 1.2V) / [(0.6V/120 K
Ω)+(1.2V / 600 KΩ)] = 257 KΩ.
For 3.3VDC VBIAS:= (3.3V – 1.2V) / [(0.6V/120 K
Ω)+(1.2V / 660 KΩ)] = 308 KΩ
For 5VDC VBIAS:= (5.0V – 1.2V) / [(0.6V/120 K
Ω)+(1.2V / 1000 KΩ)] = 612 KΩ
After choose suitable resistors, designer should check ILED again.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com