Electronic Components Datasheet Search
  English  ▼

X  

FDCC1602P Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FDCC1602P
Description  LCD SUPPLIER FROM CHINA
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FDCC1602P Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FDCC1602P Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
4.84
1.16
0.92
0.06
FEATURE
1. 5X8 dots with cursor
3. +5V power supply (Also available for +3.0V)
4. 1/16 duty cycle
5. BKL to be driven by pin1,pin2,or pin15,pin16 or A,K
6. N.V. Optional
FDCC1602P
ITEM
POWER SUPPLY (LOGIC)
POWER SUPPLY (LCD)
INPUT VOLTAGE
SYMBOL
Vdd
V0
Vin
MIN
-0.3
Vdd -13.5
-0.3
MAX
7.0
Vdd +0.3
Vdd +0.3
UNIT
V
V
V
ABSOLUTE MAXIMUM RATINGS
Supply current
Recommended
LCD driving voltage
fornormaltemp
version module
LED forward voltage
LED forward current
Input voltage
EL power supply
current
ITEM
SYMBOL CONDITION
STANDARD
UNIT
MIN
TYP
MAX
Vdd
+5V
4.7
5.0
5.5
V
+3.3V
2.7
3.0
V
Vdd=5V
---
1.5
4.0
mA
----
---
---
mA
Idd
Vdd-V0
VF
IF
EL
ELECTRONICAL CHARACTERISTICS
V
=110V
AC 400Hz
EL
V
4.7
4.3
4.1
5.0
4.5
4.3
5.5
4.7
4.5
0
25
50
25
C
C
C
C
C
25
4.2
240
4.6
---
---
---
mA
V
MECHANICAL SPECIFICATIONS
CHARACTER NUMBER
OVERALL SIZE
VIEWING AREA
HOLE - HOLE
16W X 2H
122.00W X 44.00H
99.00W X 24.00H
115.00W X 37.00H
CHARACTER SIZE
CHARACTER PITCH
DOT SIZE
DOT PITCH
4.84W X 9.66H
1.16W X 0.68H
0.92W X 1.10H
mm
mm
mm
mm
mm
mm
mm
0.06W X 0.06H
PIN ASSIGNMENT
PIN ASSIGNMENT
PIN
1
2
3
4
5
6
7-14
15(A)
16(K)
SYMBOL
Vss
Vdd
V0
RS
R/W
E
DB0-DB7
LED+
LED-
FUNCTION
GND
Power Supply
Contrast Adjust
Register Select Signal
Data Read/Write
Enable Signal
Data Bus Line
Power supply for BKL(+)
Power supply for BKL(-)
FORDATA ELECTRONIC CO.,LTD
PROFESSIONAL LCD SUPPLIER FROM CHINA
1 2 345678910111213141516
DDRAM address 00 01 02 -- -- -- -- --
0F
DDRAM address 40 41 42 -- -- -- -- --
4F
Display position
DISPLAY CHARACTER ADDRESS CODE
DISPLAY CHARACTER ADDRESS CODE
DBO
7
DB
:
E
R/W
RS
Vss
Vdd
V0
A
K
CONTROLLER
COM 16
SEG 40
LCD PANEL
LED BACK LIGHT
SEG 40
DRIVER
3.3
T1
()
T2 MAX
1.6
16
1 15
14
122.0 0.5 O.S.
115.0 0.2 H.H.
99.0 0.2 V.A.
106.0 0.2
P2.54X15
01.00 16PL
11.0
4.0
03.5 4PL
A
K
8.6
13.5
ITEM
T2
T1
LED backlight
EL / without backlight
4.6
9.5
2. Built- in controller (SPLC780D or Equivalent)


Similar Part No. - FDCC1602P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDCC1602B ETC-FDCC1602B Datasheet
43Kb / 1P
LCD MODULE
FDCC1602N-FLYYBW-91LE ETC2-FDCC1602N-FLYYBW-91LE Datasheet
985Kb / 22P
CHARACTER TYPE DOT MATRIX LCD MODULE
More results

Similar Description - FDCC1602P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FDCC1601F ETC-FDCC1601F Datasheet
43Kb / 1P
LCD SUPPLIER FROM CHINA
logo
Samsung semiconductor
RC3216J680CS SAMSUNG-RC3216J680CS Datasheet
82Kb / 2P
Supplier Samsung electro-mechanics
RC2012F4990CS SAMSUNG-RC2012F4990CS Datasheet
82Kb / 2P
Supplier Samsung electro-mechanics
logo
Exar Corporation
XRT91L34IVF EXAR-XRT91L34IVF Datasheet
166Kb / 2P
China RoHS Fully Compliant
logo
CUI INC
SMI-CN-1 CUI-SMI-CN-1 Datasheet
236Kb / 2P
CHINA BLADE
SMI-CN-3 CUI-SMI-CN-3 Datasheet
578Kb / 2P
CHINA BLADE
SMI-CN-3L CUI-SMI-CN-3L Datasheet
306Kb / 2P
CHINA BLADE
SMI-CN-5 CUI-SMI-CN-5 Datasheet
330Kb / 2P
CHINA BLADE
SMI-CN-3L-W CUI-SMI-CN-3L-W Datasheet
245Kb / 2P
CHINA BLADE
12/15/2020
SMI-CN-3 CUI-SMI-CN-3_V01 Datasheet
552Kb / 2P
CHINA BLADE
06/20/2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com