Electronic Components Datasheet Search
  English  ▼

X  

EV200ADABA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # EV200ADABA
Description  Make & Break Load Switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

EV200ADABA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  EV200ADABA Datasheet HTML 1Page - List of Unclassifed Manufacturers EV200ADABA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features:
Features:
CII Technologies / P.O. Box 4422 / Santa Barbara, CA 93140 / ph 805.684.4560 / fax 805.684.9679
/ e-mail info@kilovac.com / website www.ciitech.com
11
c
d
V
0
2
3
t
a
s
d
a
o
L
e
v
it
s
i
s
e
R
&
e
v
it
i
c
a
p
a
C
e
fi
L
k
a
e
r
B
/
e
k
a
M1 //
2
w
o
l
e
b
tr
a
h
c
e
e
s
)
y
l
n
o
e
k
a
m
(
e
g
r
a
h
c
-
e
r
p
e
v
it
i
c
a
p
a
c
%
0
9
@s
e
l
c
y
C0
0
0
,
0
5
w
o
l
e
b
tr
a
h
c
e
e
s
)
y
l
n
o
e
k
a
m
(
e
g
r
a
h
c
-
e
r
p
e
v
it
i
c
a
p
a
c
%
0
8
@s
e
l
c
y
C0
5
)
y
ti
r
a
l
o
p
e
s
r
e
v
e
r
,
e
v
it
u
c
e
s
n
o
c
2
(
k
a
e
r
b
/
e
k
a
m
A
0
0
2
@/
1
s
e
l
c
y
C2
1
)l
e
d
o
M
t
c
a
t
n
o
C
.
x
u
A
r
o
f
A
0
0
7
,
1
(
y
l
n
o
k
a
e
r
b
-
A
0
0
0
,
21 /s
e
l
c
y
C*
1
e
fi
L
l
a
c
i
n
a
h
c
e
M
s
e
l
c
y
C0
0
0
,
0
0
0
,
1
Electrical Load Life Ratings for Typical EV Applications
1 / Resistive load includes inductance L = 25 uH. Load @ 2500 A tested @ 200 uH.
2 / Life based on projected Weibull Life with 95% Reliability
*
Does not meet dielectric & IR after test.
1
10
10 0
1,00 0
10,00 0
10 0 ,00 0
1
1 0
10 0
1,00 0
1 0,00 0
Cu rr en t (A )
200 A
NO TE S:
1) F O R R E S IST IV E LO ADS W IT H 30 0 uH MAXIMU M IN D U C T ANC E
2) ES T IM A T E S BA SED O N EXT R APOL A T E D D AT A . U S ER IS E N C O U R AGED
TO V E R I FY RA TIN G IN AC TU A L A PP L IC A T I O N
3) EN D O F L IFE W H EN DIE L E C TR IC ST R E N G TH BE TW E E N TE R M IN A L S FA LL S B E L O W 5 0 M
Ω @ 500 VD C
4) T H E M AXIM U M C O N T A C T M A KE AN D BR EA K POW E R IS EST I M AT ED AT 20 8 K W .
BR E AK O N L Y AB O V E 2 0 8K W T O
A V O ID C O NT A C T W E LD IN G
N on c ontin u ous cu rr ent ca rr y r e gio n
C ontin u ous cu rr ent ca rr y r e gio n
Estimated Make & Break Power Switching Ratings
0
50
100
150
200
250
300
350
400
450
500
550
600
650
700
0.0
0 .5
1.0
1 .5
2.0
80% Minimum
Pre Charge
90% Nominal
Pre Charge
mS
EV200 Capacitive Make Test Curves for Pre-Charged Motor Controller
12-900Vdc
Rev. 9/2001



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com