Electronic Components Datasheet Search
  English  ▼

X  

FS75R12KS4 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # FS75R12KS4
Description  IGBT-Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

FS75R12KS4 Datasheet(HTML) 1 Page - Infineon Technologies AG

  FS75R12KS4 Datasheet HTML 1Page - Infineon Technologies AG FS75R12KS4 Datasheet HTML 2Page - Infineon Technologies AG FS75R12KS4 Datasheet HTML 3Page - Infineon Technologies AG FS75R12KS4 Datasheet HTML 4Page - Infineon Technologies AG FS75R12KS4 Datasheet HTML 5Page - Infineon Technologies AG FS75R12KS4 Datasheet HTML 6Page - Infineon Technologies AG FS75R12KS4 Datasheet HTML 7Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
TechnischeInformation/TechnicalInformation
FS75R12KS4
IGBT-Module
IGBT-modules
preparedby:MK
approvedby:RS
dateofpublication:2013-10-02
revision:2.1
VorläufigeDaten
PreliminaryData
IGBT,Wechselrichter/IGBT,Inverter
HöchstzulässigeWerte/MaximumRatedValues
Kollektor-Emitter-Sperrspannung
Collector-emittervoltage
Tvj = 25°C
VCES

1200
 V
Kollektor-Dauergleichstrom
ContinuousDCcollectorcurrent
TC = 70°C, Tvj max = 150°C
TC = 25°C, Tvj max = 150°C
IC nom
IC

75
100
 A
A
PeriodischerKollektor-Spitzenstrom
Repetitivepeakcollectorcurrent
tP = 1 ms
ICRM

150
 A
Gesamt-Verlustleistung
Totalpowerdissipation
TC = 25°C, Tvj max = 150
Ptot

500
 W
Gate-Emitter-Spitzenspannung
Gate-emitterpeakvoltage

VGES

+/-20
 V
CharakteristischeWerte/CharacteristicValues
min.
typ.
max.
Kollektor-Emitter-Sättigungsspannung
Collector-emittersaturationvoltage
IC = 75 A, VGE = 15 V
IC = 75 A, VGE = 15 V
VCE sat
3,20
3,85
3,70
V
V
Tvj = 25°C
Tvj = 125°C
Gate-Schwellenspannung
Gatethresholdvoltage
IC = 3,00 mA, VCE = VGE, Tvj = 25°C
VGEth
4,5
5,5
6,5
V
Gateladung
Gatecharge
VGE = -15 V ... +15 V
QG

0,80

µC
InternerGatewiderstand
Internalgateresistor
Tvj = 25°C
RGint

5,0

Ω
Eingangskapazität
Inputcapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cies

5,10

nF
Rückwirkungskapazität
Reversetransfercapacitance
f = 1 MHz, Tvj = 25°C, VCE = 25 V, VGE = 0 V
Cres

0,32

nF
Kollektor-Emitter-Reststrom
Collector-emittercut-offcurrent
VCE = 1200 V, VGE = 0 V, Tvj = 25°C
ICES


5,0
mA
Gate-Emitter-Reststrom
Gate-emitterleakagecurrent
VCE = 0 V, VGE = 20 V, Tvj = 25°C
IGES


400
nA
Einschaltverzögerungszeit,induktiveLast
Turn-ondelaytime,inductiveload
IC = 75 A, VCE = 600 V
VGE = ±15 V
RGon = 7,5
Ω
td on

0,12
0,13

µs
µs
Tvj = 25°C
Tvj = 125°C
Anstiegszeit,induktiveLast
Risetime,inductiveload
IC = 75 A, VCE = 600 V
VGE = ±15 V
RGon = 7,5
Ω
tr

0,05
0,06

µs
µs
Tvj = 25°C
Tvj = 125°C
Abschaltverzögerungszeit,induktiveLast
Turn-offdelaytime,inductiveload
IC = 75 A, VCE = 600 V
VGE = ±15 V
RGoff = 7,5
Ω
td off

0,31
0,36

µs
µs
Tvj = 25°C
Tvj = 125°C
Fallzeit,induktiveLast
Falltime,inductiveload
IC = 75 A, VCE = 600 V
VGE = ±15 V
RGoff = 7,5
Ω
tf

0,02
0,03

µs
µs
Tvj = 25°C
Tvj = 125°C
EinschaltverlustenergieproPuls
Turn-onenergylossperpulse
IC = 75 A, VCE = 600 V, LS = 30 nH
VGE = ±15 V
RGon = 7,5
Ω
Eon

9,00

mJ
mJ
Tvj = 25°C
Tvj = 125°C
AbschaltverlustenergieproPuls
Turn-offenergylossperpulse
IC = 75 A, VCE = 600 V, LS = 30 nH
VGE = ±15 V
RGoff = 7,5
Ω
Eoff

3,80

mJ
mJ
Tvj = 25°C
Tvj = 125°C
Kurzschlußverhalten
SCdata
VGE
≤ 15 V, VCC = 900 V
VCEmax = VCES -LsCE ·di/dt
ISC

450

A
Tvj = 125°C
tP
≤ 10 µs,
Wärmewiderstand,ChipbisGehäuse
Thermalresistance,junctiontocase
proIGBT/perIGBT
RthJC


0,25
K/W
TemperaturimSchaltbetrieb
Temperatureunderswitchingconditions

Tvj op
-40

125
°C


Similar Part No. - FS75R12KS4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS75R12KS4 EUPEC-FS75R12KS4 Datasheet
285Kb / 8P
IGBT-modules
More results

Similar Description - FS75R12KS4

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
IGBT-Module / IGBT-inverter
logo
Fuji Electric
2MBI200U2A-060 FUJI-2MBI200U2A-060 Datasheet
748Kb / 13P
IGBT module
logo
eupec GmbH
FZ600R65KF1 EUPEC-FZ600R65KF1 Datasheet
179Kb / 10P
IGBT-Module
FS100R12KT3 EUPEC-FS100R12KT3 Datasheet
308Kb / 8P
IGBT-Module
logo
Fairchild Semiconductor
SM2G50US60 FAIRCHILD-SM2G50US60 Datasheet
455Kb / 10P
IGBT MODULE
logo
Semikron International
SK9GD063 SEMIKRON-SK9GD063 Datasheet
131Kb / 2P
IGBT Module
SK30GB067 SEMIKRON-SK30GB067_06 Datasheet
320Kb / 2P
IGBT Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com