Electronic Components Datasheet Search
  English  ▼

X  

ISL22326 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL22326
Description  Dual Digitally Controlled Potentiometers (XDCP?? Low Noise, Low Power, I2C??Bus, 128 Taps
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL22326 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL22326 Datasheet HTML 1Page - Renesas Technology Corp ISL22326 Datasheet HTML 2Page - Renesas Technology Corp ISL22326 Datasheet HTML 3Page - Renesas Technology Corp ISL22326 Datasheet HTML 4Page - Renesas Technology Corp ISL22326 Datasheet HTML 5Page - Renesas Technology Corp ISL22326 Datasheet HTML 6Page - Renesas Technology Corp ISL22326 Datasheet HTML 7Page - Renesas Technology Corp ISL22326 Datasheet HTML 8Page - Renesas Technology Corp ISL22326 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
ISL22326
FN6176 Rev 3.00
Page 2 of 17
September 9, 2015
Block Diagram
Ordering Information
PART NUMBER
(Note)
PART MARKING
RESISTANCE
OPTION
(k
)
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant) PKG. DWG. #
ISL22326UFV14Z*
(No longer available, recommended replacement:
ISL22326WFR16Z-TK)
22326 UFVZ
50
-40 to +125
14 Ld TSSOP
M14.173
ISL22326UFR16Z*
(No longer available, recommended replacement:
ISL22326WFR16Z-TK)
223 26UFZ
50
-40 to +125
16 Ld 4x4 QFN
L16.4x4A
ISL22326WFV14Z*
22326 WFVZ
10
-40 to +125
14 Ld TSSOP
M14.173
ISL22326WFR16Z*
223 26WFZ
10
-40 to +125
16 Ld 4x4 QFN
L16.4x4A
*Add “-TK” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTE: These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations).
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J
STD-020.
I2C
INTERFACE
VCC
RH0
RH1
GND
RL0
RL1
RW0
RW1
SCL
SDA
A0
A1
A2
WR1
WR0
SHDN
POWER-UP
INTERFACE,
CONTROL
AND STATUS
LOGIC
NON-
VOLATILE
REGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com