Electronic Components Datasheet Search
  English  ▼

X  

FRC1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FRC1
Description  RELAY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FRC1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FRC1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FRC1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FRC1 RELAY
ORDERING INFORMATION
FRC1 B A -1 A N S - DC12V
DIMENSIONS (UNIT:mm)
RATED VOLTAGE
A - 1 FORM A (SPST)
C - 1 FORM C (SPDT)
NIL : 30A 14VDC
B : 40A 14VDC
NIL: MOULDED BRACKET DUST COVER
1: PLAIN DUST COVER
2: METAL BRACKET DUST COVER (NO SEALED TYPE )
CONTACT ARRANGEMENT
NIL: PLUG IN TYPE
;
A: PCB TYPE
CONTACT RATING
NIL: STANDARD TYPE;
N: WITH DIODE;
R: RESISTOR
NIL: UNSEALED TYPE;
S : SEALED TYPE
RELAY MODEL
3/$,1 '867 &29(5
3/8* ,1 7<3( 7(50,1$/
028/'(' %5$&.(7 '867 &29(5
0(7$/ %5$&.(7 '867 &29(5
3&% 7<3( 7(50,1$/
'LRGH RU 5HVLVWRU ,I 8VHG
 #
7(50,1$/ $55$1*(0(17 %27720 9,(:
'LRGH RU 5HVLVWRU ,I 8VHG
 # 
 # &
'LRGH RU 5HVLVWRU ,I 8VHG



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com