Electronic Components Datasheet Search
  English  ▼

X  

GSX-2 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSX-2
Description  High Frequency Miniature SM Crystal
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-2 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSX-2 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-2 Datasheet HTML 2Page - Golledge Electronics Ltd GSX-2 Datasheet HTML 3Page - Golledge Electronics Ltd GSX-2 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GSX-2 1/4
v1.0
GSX-2
GSX-2
High Frequency Miniature SM Crystal
High Frequency Miniature SM Crystal
Frequencies up to 100MHz
Tight specifications available
Metal lid can be grounded to minimise EMI
Low height for maximum space saving
Option Code
CONFIGURABLE OPTIONS
Parameter
Frequency
Calibration tolerance
±10ppm
1
Temperature stability
±10ppm
1
Operating temperature range
Any
-10 to +60°C
1
-20 to +70°C
2
Circuit condition
16pF
D
Oscillation mode
Any
Fundamental (8.0 ~ 36.0MHz)
F
3rd overtone (28.0 ~ 84.0MHz)
3
5th overtone (84.0 ~ 100MHz)
5


Similar Part No. - GSX-2

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX-2 GOLLEDGE-GSX-2 Datasheet
58Kb / 1P
SM CRYSTAL
GSX-200 GOLLEDGE-GSX-200 Datasheet
56Kb / 1P
SM Watch Crystal
GSX-200 GOLLEDGE-GSX-200 Datasheet
578Kb / 4P
32.768kHz CM200C Watch Crystal
GSX-200D GOLLEDGE-GSX-200D Datasheet
56Kb / 1P
SM Watch Crystal
GSX-200 GOLLEDGE-GSX-200_16 Datasheet
173Kb / 2P
CM200C Watch Crystal
More results

Similar Description - GSX-2

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
SM Crystal High Frequency Fundamental
GSX-250 GOLLEDGE-GSX-250 Datasheet
55Kb / 1P
SM Crystal LOW FREQUENCY
logo
MMD Components
DN MMD-DN_13 Datasheet
158Kb / 2P
Micro Miniature SM Crystal
logo
Golledge Electronics Lt...
GSX-530 GOLLEDGE-GSX-530 Datasheet
167Kb / 2P
SM Crystal - High Frequency
CC4V-T1A GOLLEDGE-CC4V-T1A Datasheet
539Kb / 4P
Low Frequency SM Crystal
CC5V-T1A GOLLEDGE-CC5V-T1A Datasheet
553Kb / 4P
Low Frequency SM Crystal
GSX-221 GOLLEDGE-GSX-221_18 Datasheet
597Kb / 5P
Ultra-miniature SM Crystal
GSX-223 GOLLEDGE-GSX-223_18 Datasheet
580Kb / 5P
Ultra-miniature SM Crystal
GSX-228 GOLLEDGE-GSX-228 Datasheet
589Kb / 5P
High Frequency Fundamental Mode Ultra-Miniature SM Crystal
GSX-328 GOLLEDGE-GSX-328 Datasheet
590Kb / 5P
High Frequency Fundamental Mode Miniature SM Crystal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com