Electronic Components Datasheet Search
  English  ▼

X  

G261 Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G261
Description  Low Voltage Differential (LVD) SCSI 27 Line Regulator Set
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G261 Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G261 Datasheet HTML 1Page - Global Mixed-mode Technology Inc G261 Datasheet HTML 2Page - Global Mixed-mode Technology Inc G261 Datasheet HTML 3Page - Global Mixed-mode Technology Inc G261 Datasheet HTML 4Page - Global Mixed-mode Technology Inc G261 Datasheet HTML 5Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ver 3.2
Dec 13, 2004
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G261
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
TERMPWR…………….……….……………….……6V
Package Dissipation………………………………..1W
Junction Temperature…………..…….-55°C to 150°C
Storage Temperature…………………-65°C to 150°C
Recommended Operating Conditions
TERMPWR Voltage…….………………4.0V to 5.25V
Electrical Characteristics
Unless otherwise specified these specifications apply for TA= 0
°C to 70°C, TERMPWR=5V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UMITS
TERMPWR Supply Current Section
TERMPWR Supply Current
No Load
---
6
10.0
mA
TERMPWR Voltage
4.0
---
5.25
V
Regulator Section
1.75 Volt Regulator
REG1(±50mA)
1.7
1.75
1.8
V
1.3 Volt Regulator
DIFFSENSE, No Load
1.2
1.3
1.4
V
0.75 Volt Regulator
REG2(±50mA)
0.7
0.75
0.8
V
1.75 Volt Regulator Source Current
-50
---
---
mA
1.75 Volt Regulator Sink Current
50
---
---
mA
1.75 Sink Current Limit
---
---
600
mA
1.75 Source Current Limit
-600
---
---
mA
1.3 Volt Regulator Source Current
DIFFSENSE, GND
-5
---
-15
mA
1.3 Volt Regulator Sink Current
DIFFSENSE, 2.4V
10
---
200
µA
0.75 Volt Regulator Source Current
-50
---
---
mA
0.75 Volt Regulator Sink Current
50
---
---
mA
0.75 Current Limit
---
600
mA
0.75 Current Limit
-600
---
---
mA
Block Diagram
REF 1.75V
REF 0.75V
REF 1.3V
5mA SOURCE/10µA SINK
1.75V±50mV
50mA SOURCE/SINK
TRMPWR
4.0V to 5.25V
PGND
0.75V±50mV
50mA SOURCE/SINK
1.3V±0.1V
DIFFSENSE
REG1
REG2
SOURCE/SINK REGULATOR
REF 1.75V
REF 0.75V
REF 1.3V
5mA SOURCE/10µA SINK
1.75V±50mV
50mA SOURCE/SINK
TRMPWR
4.0V to 5.25V
PGND
0.75V±50mV
50mA SOURCE/SINK
1.3V±0.1V
DIFFSENSE
REG1
REG2
SOURCE/SINK REGULATOR



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com