Electronic Components Datasheet Search
  English  ▼

X  

ISL28113 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL28113
Description  Single, Dual, Quad General Purpose Micropower, RRIO Operational Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL28113 Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL28113 Datasheet HTML 1Page - Renesas Technology Corp ISL28113 Datasheet HTML 2Page - Renesas Technology Corp ISL28113 Datasheet HTML 3Page - Renesas Technology Corp ISL28113 Datasheet HTML 4Page - Renesas Technology Corp ISL28113 Datasheet HTML 5Page - Renesas Technology Corp ISL28113 Datasheet HTML 6Page - Renesas Technology Corp ISL28113 Datasheet HTML 7Page - Renesas Technology Corp ISL28113 Datasheet HTML 8Page - Renesas Technology Corp ISL28113 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ISL28113, ISL28213, ISL28413
FN6728 Rev 8.00
Page 2 of 23
April 8, 2015
Ordering Information
PART NUMBER
(Note 4)
PART
MARKING
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
ISL28113FEZ-T7 (Notes 1, 2)BJA (Note 5)
5 Ld SC-70
P5.049
ISL28113FEZ-T7A (Notes 1, 2)BJA (Note 5)
5 Ld SC-70
P5.049
ISL28113FHZ-T7 (Notes 1, 2)BCYA (Note 5)
5 Ld SOT-23
P5.064A
ISL28113FHZ-T7A (Notes 1, 2)BCYA (Note 5)
5 Ld SOT-23
P5.064A
ISL28213FUZ (Note 2)
8213Z
8 Ld MSOP
M8.118A
ISL28213FUZ-T7 (Notes 1, 2)
8213Z
8 Ld MSOP
M8.118A
ISL28213FBZ (Note 2)
28213 FBZ
8 Ld SOIC
M8.15E
ISL28213FBZ-T7 (Notes 1, 2)
28213 FBZ
8 Ld SOIC
M8.15E
ISL28213FBZ-T13 (Notes 1, 2)
28213 FBZ
8 Ld SOIC
M8.15E
ISL28213FHZ-T7 (Notes 1, 3)BEKA (Note 5)
8 Ld SOT-23
P8.064
ISL28213FHZ-T7A (Notes 1, 3)BEKA (Note 5)
8 Ld SOT-23
P8.064
ISL28413FVZ (Note 2)
28413 FVZ
14 Ld TSSOP
MDP0044
ISL28413FVZ-T7 (Notes 1, 2)
28413 FVZ
14 Ld TSSOP
MDP0044
ISL28413FVZ-T13 (Notes 1, 2)
28413 FVZ
14 Ld TSSOP
MDP0044
ISL28413FBZ (Note 2)
28413 FBZ
14 Ld SOIC
MDP0027
ISL28413FBZ-T7 (Notes 1, 2)
28413 FBZ
14 Ld SOIC
MDP0027
ISL28413FBZ-T13 (Notes 1, 2)
28413 FBZ
14 Ld SOIC
MDP0027
ISL28113SOT23EVAL1Z
Evaluation Board
ISL28213MSOPEVAL2Z
Evaluation Board
ISL28213SOICEVAL2Z
Evaluation Board
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate -
e4 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
4. For Moisture Sensitivity Level (MSL), please see device information page forr ISL28113, ISL28213, ISL28413. For more information on MSL please
see Techbrief TB363.
5. The part marking is located on the bottom of the part.
Pin Configurations
ISL28113
(5 LD SC-70)
TOP VIEW
ISL28113
(5 LD SOT-23)
TOP VIEW
ISL28213
(8 LD MSOP, 8 LD SOIC, 8 LD SOT-23)
TOP VIEW
IN+
VS-
IN-
VS+
OUT
1
2
3
5
4
OUT
VS-
IN+
VS+
IN-
1
2
3
5
4
OUT_A
IN-_A
IN+_A
VS-
VS+
OUT_B
IN-_B
IN+_B
1
2
3
45
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com