Electronic Components Datasheet Search
  English  ▼

X  

G528AP1U Datasheet(PDF) 2 Page - Global Mixed-mode Technology Inc

Part # G528AP1U
Description  USB High-Side Power Switch Advance Information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G528AP1U Datasheet(HTML) 2 Page - Global Mixed-mode Technology Inc

  G528AP1U Datasheet HTML 1Page - Global Mixed-mode Technology Inc G528AP1U Datasheet HTML 2Page - Global Mixed-mode Technology Inc G528AP1U Datasheet HTML 3Page - Global Mixed-mode Technology Inc G528AP1U Datasheet HTML 4Page - Global Mixed-mode Technology Inc G528AP1U Datasheet HTML 5Page - Global Mixed-mode Technology Inc G528AP1U Datasheet HTML 6Page - Global Mixed-mode Technology Inc G528AP1U Datasheet HTML 7Page - Global Mixed-mode Technology Inc G528AP1U Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Ver: 1.2
May 17, 2005
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G528/G528A
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
Supply Voltage (VIN)..…………….….………...…..+6.0V
Fault Flag Voltage (VFLG)..…………..……...……..+6.0V
Fault Flag Current (IFLG)……………………………50mA
Output Voltage (VOUT)..…………………………….+6.0V
Output Current (IOUT).…………………Internally Limited
Enable Input (V EN )………………..…………-0.3V to 6V
Storage Temperature (TS)….………...-65°C to +150°C
Reflow Temperature (soldering, 10sec)……..….260°C
ESD protection*………………..…………….…….…2kV
Operating Ratings
Supply Voltage (VIN).……………………….+3V to +5.5V
Operating Temperature (TA)…………….-40°C to +85°C
Thermal Resistance
SOIC (θJA)……………………………………160°C/W
Electrical Characteristics (V
IN=+5V; TA=25°C.)
PARAMETER
CONDITION
MIN
TYP
MAX
UNIT
**switch off, OUT = open
---
1
5
µA
IN Supply Current
**switch on, OUT = open
---
100
160
µA
low to high transition
---
---
2.5
V
EN
Enable Threshold
high to low transition **
0.8
---
---
V
V EN = VOH(min) = 2.5V
---
0.01
1
µA
EN
Input Current
V EN = VOL(max) = 1.0V
---
0.01
1
µA
EN
Input Capacitance
---
1
---
pF
VIN = 5V, IOUT = 500mA
---
110
140
m
Ω
Switch Resistance
VIN = 3.3V, IOUT = 500mA
---
130
180
m
Ω
OUT Turn-On Delay
RL = 10Ω
---
0.03
---
ms
OUT Turn-On Rise Time
RL = 10Ω, CL=100µF
---
0.5
---
ms
OUT Turn-Off Delay
RL = 10Ω
---
1
20
µs
OUT Turn-Off Fall Time
RL = 10Ω
---
1
20
µs
OUT Leakage Current
---
1
10
µA
Short Circuit Current Limit
Enable into load
1.0
1.4
2.0
A
Circuit Limit Threshold
Ramped load applied to enabled output
2.0
2.7
3.5
A
TJ increasing
---
135
---
°C
Overtemperature Shutdown
Threshold
TJ decreasing
---
125
---
°C
VIN = 5V, IL=10mA
---
10
25
Ω
FLG Output Resistance
VIN = 3.3V, IL =10mA
---
15
40
Ω
FLG Off Current
VFLAG = 5V
---
0.01
1
µA
VIN = increasing
---
2.5
---
V
UVLO Threshold
VIN = decreasing
---
2.3
---
V
* Devices are ESD protected, however, handling precautions are recommended.
** For the G528/G528A, off is
≥ 2.5V and on is ≤ 0.8V. The enable input, EN has approximately 200mV of hys-
teresis.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com