Electronic Components Datasheet Search
  English  ▼

X  

AD8215 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8215
Description  High Voltage, Current Shunt Monitor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8215 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8215 Datasheet HTML 2Page - Analog Devices AD8215 Datasheet HTML 3Page - Analog Devices AD8215 Datasheet HTML 4Page - Analog Devices AD8215 Datasheet HTML 5Page - Analog Devices AD8215 Datasheet HTML 6Page - Analog Devices AD8215 Datasheet HTML 7Page - Analog Devices AD8215 Datasheet HTML 8Page - Analog Devices AD8215 Datasheet HTML 9Page - Analog Devices AD8215 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AD8215
Data Sheet
Rev. B | Page 6 of 13
TYPICAL PERFORMANCE CHARACTERISTICS
–1.2
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.4
0.2
0.6
0.8
1.0
1.2
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 4. Typical Offset Drift (VOSI) vs. Temperature
FREQUENCY (Hz)
60
70
80
90
100
110
120
130
140
10
100
1k
10k
100k
1M
COMMON-MODE VOLTAGE >5V
COMMON-MODE VOLTAGE <5V
Figure 5. Typical CMRR vs. Frequency
–2500
–2000
–1500
–1000
–500
0
500
1000
1500
2000
2500
–40
–20
0
20
40
60
80
100
120
TEMPERATURE (°C)
Figure 6. Typical Gain Error vs. Temperature
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
15
20
25
30
35
40
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 7. Typical Small Signal Bandwidth (VOUT = 200 mV p-p)
0
1
2
3
4
5
6
7
8
9
10
0
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95
DIFFERENTIAL INPUT VOLTAGE (mV)
250
Figure 8. Total Output Error vs. Differential Input Voltage
–570
–560
–550
–540
–530
–520
–510
–500
–490
–480
VIN+
VIN–
0
25
50
75
100
125
150
175
200
225
250
DIFFERENTIAL INPUT VOLTAGE (mV)
Figure 9. Input Bias Current vs. Differential Input Voltage, VCM = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com