Electronic Components Datasheet Search
  English  ▼

X  

AD8361ARM Datasheet(PDF) 13 Page - Analog Devices

Part # AD8361ARM
Description  LF to 2.5 GHz TruPwr Detector
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARM Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8361ARM Datasheet HTML 9Page - Analog Devices AD8361ARM Datasheet HTML 10Page - Analog Devices AD8361ARM Datasheet HTML 11Page - Analog Devices AD8361ARM Datasheet HTML 12Page - Analog Devices AD8361ARM Datasheet HTML 13Page - Analog Devices AD8361ARM Datasheet HTML 14Page - Analog Devices AD8361ARM Datasheet HTML 15Page - Analog Devices AD8361ARM Datasheet HTML 16Page - Analog Devices AD8361ARM Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Data Sheet
AD8361
Rev. F | Page 13 of 22
Figure 40. Output Swing for Supply Voltages of
2.7 V, 3.0 V, 5.0 V and 5.5 V (MSOP Only)
Dynamic Range
Because the AD8361 is a linear-responding device with a
nominal transfer function of 7.5 V/V rms, the dynamic range in
dB is not clear from plots such as Figure 39. As the input level is
increased in constant dB steps, the output step size (per dB) also
increases. Figure 41 shows the relationship between the output
step size (i.e., mV/dB) and input voltage for a nominal transfer
function of 7.5 V/V rms.
Table 4. Connections and Nominal Transfer Function for
Ground, Internal, and Supply Reference Modes
Reference
Mode
IREF
SREF
Output
Intercept
(No Signal)
Output
Ground
VPOS
COMM
Zero
7.5 VIN
Internal
OPEN
COMM
0.350 V
7.5 VIN + 0.350 V
Supply
VPOS
VPOS
VS/7.5
7.5 VIN + VS/7.5
Figure 41. Idealized Output Step Size as a Function of Input Voltage
Plots of output voltage versus input voltage result in a straight
line. It may sometimes be more useful to plot the error on a
logarithmic scale, as shown in Figure 42. The deviation of the
plot for the ideal straight line characteristic is caused by output
clipping at the high end and by signal offsets at the low end. It
should however be noted that offsets at the low end can be
either positive or negative, so this plot could also trend upwards
at the low end. Figure 9, Figure 10, Figure 12, and Figure 13
show a ±3 sigma distribution of the device error for a large
population of devices.
Figure 42. Representative Unit, Error in dB vs. Input Level, VS = 2.7 V
It is also apparent in Figure 42 that the error plot tends to shift
to the right with increasing frequency. Because the input
impedance decreases with frequency, the voltage actually
applied to the input also tends to decrease (assuming a constant
source impedance over frequency). The dynamic range is
almost constant over frequency, but with a small decrease in
conversion gain at high frequency.
Input Coupling and Matching
The input impedance of the AD8361 decreases with increasing
frequency in both its resistive and capacitive components
(Figure 17). The resistive component varies from 225 Ω at
100 MHz down to about 95 Ω at 2.5 GHz.
A number of options exist for input matching. For operation at
multiple frequencies, a 75 Ω shunt to ground, as shown in
Figure 43, provides the best overall match. For use at a single
frequency, a resistive or a reactive match can be used. By
plotting the input impedance on a Smith Chart, the best value
for a resistive match can be calculated. The VSWR can be held
below 1.5 at frequencies up to 1 GHz, even as the input
impedance varies from part to part. (Both input impedance and
input capacitance can vary by up to ±20% around their nominal
values.) At very high frequencies (i.e., 1.8 GHz to 2.5 GHz), a
shunt resistor is not sufficient to reduce the VSWR below 1.5.
Where VSWR is critical, remove the shunt component and
insert an inductor in series with the coupling capacitor as
shown in Figure 44.
Table 5 gives recommended shunt resistor values for various
frequencies and series inductor values for high frequencies. The
coupling capacitor, CC, essentially acts as an ac-short and plays
no intentional part in the matching.
INPUT (V rms)
5.5
1.5
0
0.5
0.1
0.2
0.3
0.4
4.0
3.0
2.5
2.0
5.0
4.5
3.5
1.0
0.5
0.0
5.5V
5.0V
3.0V
2.7V
0.6
0.7
0.8
INPUT (mV)
700
200
0
500
100
200
300
400
500
400
300
600
100
0
600
700
800
INPUT (V rms)
2.0
–0.5
0.01
0.5
0.0
1.5
1.0
–1.0
–1.5
–2.0
1.0
1.9GHz
2.5GHz
900MHz
100MHz
100MHz
0.02
(–21dBm)
0.1
(–7dBm)
0.4
(+5dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com