Electronic Components Datasheet Search
  English  ▼

X  

HMC1013LP4E Datasheet(PDF) 2 Page - Analog Devices

Part # HMC1013LP4E
Description  SUCCESSIVE DETECTION LOG VIDEO AMPLIFIER (SDLVA)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC1013LP4E Datasheet(HTML) 2 Page - Analog Devices

  HMC1013LP4E Datasheet HTML 1Page - Analog Devices HMC1013LP4E Datasheet HTML 2Page - Analog Devices HMC1013LP4E Datasheet HTML 3Page - Analog Devices HMC1013LP4E Datasheet HTML 4Page - Analog Devices HMC1013LP4E Datasheet HTML 5Page - Analog Devices HMC1013LP4E Datasheet HTML 6Page - Analog Devices HMC1013LP4E Datasheet HTML 7Page - Analog Devices HMC1013LP4E Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
2
HMC1013LP4E
v02.0913
SUCCESSIVE DETECTION LOG VIDEO
AMPLIFIER (SDLVA), 0.5 - 18.5 GHz
Error Flatness vs.
Input Power Over Frequency [1] [2]
VIDEO OUT & Error
vs. Input Power, Fin = 500 MHz
VIDEO OUT & Error
vs. Input Power, Fin = 1 GHz
VIDEO OUT & Error
vs. Input Power, Fin = 2 GHz
VIDEO OUT & Error
vs. Input Power, Fin = 6 GHz
VIDEO OUT & Error
vs. Input Power, Fin = 10 GHz
-8
-6
-4
-2
0
2
4
6
8
-70
-60
-50
-40
-30
-20
-10
0
10
20
1 GHz
2 GHz
6 GHz
10 GHz
14 GHz
18 GHz
INPUT POWER (dBm)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-4
-3
-2
-1
0
1
2
3
4
-70
-60
-50
-40
-30
-20
-10
0
10
20
Ideal
Video Out +25C
Video Out +85C
Video Out -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-4
-3
-2
-1
0
1
2
3
4
-70
-60
-50
-40
-30
-20
-10
0
10
20
Ideal
Video Out +25C
Video Out +85C
Video Out -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-4
-3
-2
-1
0
1
2
3
4
-70
-60
-50
-40
-30
-20
-10
0
10
20
Ideal
Video Out +25C
Video Out +85C
Video Out -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-4
-3
-2
-1
0
1
2
3
4
-70
-60
-50
-40
-30
-20
-10
0
10
20
Ideal
Video Out +25C
Video Out +85C
Video Out -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-4
-3
-2
-1
0
1
2
3
4
-70
-60
-50
-40
-30
-20
-10
0
10
20
Ideal
Video Out +25C
Video Out +85C
Video Out -40C
ERR +25C
ERR +85C
ERR -40C
INPUT POWER (dBm)
[1] An average ideal line is used to calculate error curves.
[2] At 25°C.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com