Electronic Components Datasheet Search
  English  ▼

X  

S34MS08G2 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # S34MS08G2
Description  8 Gb, 4-Bit ECC, x8 I/O and 1.8 V VCC NAND Flash Memory for Embedded
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S34MS08G2 Datasheet(HTML) 2 Page - Cypress Semiconductor

  S34MS08G2 Datasheet HTML 1Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 2Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 3Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 4Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 5Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 6Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 7Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 8Page - Cypress Semiconductor S34MS08G2 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Document Number: 002-00515 Rev. *G
Page 2 of 17
S34MS08G2
Contents
1.
General Description..................................................... 3
2.
Connection Diagram.................................................... 3
3.
Pin Description............................................................. 4
4.
Block Diagrams............................................................ 5
5.
Addressing ................................................................... 6
6.
Read Status Enhanced ................................................ 7
7.
Read ID.......................................................................... 7
7.1 Read Parameter Page ................................................... 9
8.
Electrical Characteristics .......................................... 12
8.1 Valid Blocks ................................................................. 12
8.2 DC Characteristics ....................................................... 12
8.3 Pin Capacitance........................................................... 13
8.4 Power Consumptions and Pin Capacitance
for Allowed Stacking Configurations ............................. 13
9.
Physical Interface ....................................................... 14
9.1 Physical Diagram.......................................................... 14
10. Ordering Information.................................................. 15
11. Revision History.......................................................... 16
Document History Page ...................................................... 16
Sales, Solutions, and Legal Information ........................... 17
Worldwide Sales and Design Support ............................ 17
Products ......................................................................... 17
PSoC® Solutions ........................................................... 17
Cypress Developer Community ...................................... 17
Technical Support .......................................................... 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com