Electronic Components Datasheet Search
  English  ▼

X  

G930T63B Datasheet(PDF) 8 Page - Global Mixed-mode Technology Inc

Part # G930T63B
Description  3.5V 400mA Low Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GMT [Global Mixed-mode Technology Inc]
Direct Link  http://www.gmt.com.tw
Logo GMT - Global Mixed-mode Technology Inc

G930T63B Datasheet(HTML) 8 Page - Global Mixed-mode Technology Inc

  G930T63B Datasheet HTML 1Page - Global Mixed-mode Technology Inc G930T63B Datasheet HTML 2Page - Global Mixed-mode Technology Inc G930T63B Datasheet HTML 3Page - Global Mixed-mode Technology Inc G930T63B Datasheet HTML 4Page - Global Mixed-mode Technology Inc G930T63B Datasheet HTML 5Page - Global Mixed-mode Technology Inc G930T63B Datasheet HTML 6Page - Global Mixed-mode Technology Inc G930T63B Datasheet HTML 7Page - Global Mixed-mode Technology Inc G930T63B Datasheet HTML 8Page - Global Mixed-mode Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Ver: 4.5
May 13, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
8
G930/G931
Global Mixed-mode Technology Inc.
µTO-92 (T8) Package
DIMENSIONS IN MILLIMETERS
DIMENSIONS IN INCHES
SYMBOLS
MIN
NOM
MAX
MIN
NOM
MAX
A
2.40
2.50
2.60
0.094
0.098
0.102
A1
0.70
0.80
0.90
0.028
0.032
0.036
b
0.35
0.45
0.55
0.014
0.018
0.022
C
-----
0.40
-----
-----
0.016
-----
D
2.80
3.00
3.20
0.110
0.118
0.126
E
3.80
4.00
4.20
0.149
0.157
0.165
e
-----
1.27
-----
-----
0.050
-----
F
1.91
2.11
2.31
0.075
0.083
0.091
G
3.35
3.55
3.75
0.132
0.140
0.148
H
0.00
-----
0.15
0.000
-----
0.006
L
13.80
14.00
14.20
0.543
0.551
0.559
θ
1
-----
2°
-----
-----
2°
-----
θ
2
-----
5°
-----
-----
5°
-----
Package Orientation
GMT Inc. does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and GMT Inc. reserves the right at any time without notice to change said circuitry and specifications.
Feed Direction
SOT 23 Package Orientation
Feed Direction
SOT 23 Package Orientation
Feed Direction
SOT 89、223 Package Orientation
Feed Direction
SOT 89、223 Package Orientation
E
D
L
H
e
b
θ2 (2 X)
θ1(2 X)
C
G
A1
A
R2
.0
0
E
D
L
H
e
b
θ2 (2 X)
θ1(2 X)
C
G
A1
A
R2
.0
0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com