Electronic Components Datasheet Search
  English  ▼

X  

GMS82512K Datasheet(PDF) 21 Page - Hynix Semiconductor

Part # GMS82512K
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS82512K Datasheet(HTML) 21 Page - Hynix Semiconductor

Back Button GMS82512K Datasheet HTML 17Page - Hynix Semiconductor GMS82512K Datasheet HTML 18Page - Hynix Semiconductor GMS82512K Datasheet HTML 19Page - Hynix Semiconductor GMS82512K Datasheet HTML 20Page - Hynix Semiconductor GMS82512K Datasheet HTML 21Page - Hynix Semiconductor GMS82512K Datasheet HTML 22Page - Hynix Semiconductor GMS82512K Datasheet HTML 23Page - Hynix Semiconductor GMS82512K Datasheet HTML 24Page - Hynix Semiconductor GMS82512K Datasheet HTML 25Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 93 page
background image
GMS82512/16/24
HYUNDAI MicroElectronics
18
FEB. 2000 Ver 1.00
8.2 Program Memory
A 16-bit program counter is capable of addressing up to
64K bytes, but this device has 24K bytes program memory
space only physically implemented. Accessing a location
above FFFFH will cause a wrap-around to 0000H.
Figure 8-5, shows a map of Program Memory. After reset,
the CPU begins execution from reset vector which is stored
in address FFFEH and FFFFH as shown in Figure 8-6.
As shown in Figure 8-5, each area is assigned a fixed loca-
tion in Program Memory. Program Memory area contains
the user program.
Figure 8-5 Program Memory Map
Page Call (PCALL) area contains subroutine program to
reduce program byte length by using 2 bytes PCALL in-
stead of 3 bytes CALL instruction. If it is frequently called,
it is more useful to save program byte length.
Table Call (TCALL) causes the CPU to jump to each
TCALL address, where it commences the execution of the
service routine. The Table Call service area spaces 2-byte
for every TCALL: 0FFC0H for TCALL15, 0FFC2H for
TCALL14, etc., as shown in Figure 8-7.
Example: Usage of TCALL
The interrupt causes the CPU to jump to specific location,
where it commences the execution of the service routine.
The External interrupt 0, for example, is assigned to loca-
tion 0FFFAH. The interrupt service locations spaces 2-byte
interval: 0FFF8H and 0FFF9H for External Interrupt 1,
0FFFAH and 0FFFBH for External Interrupt 0, etc.
Any area from 0FF00H to 0FFFFH, if it is not going to be
used, its service location is available as general purpose
Program Memory.
Figure 8-6 Interrupt Vector Area
Interrupt
Vector Area
C000H
FEFFH
FF00H
FFC0H
FFDFH
FFE0H
FFFFH
D000H
A000H
TCALL area
0FFE0H
E2
Address
Vector Area Memory
E4
E6
E8
EA
EC
EE
F0
F2
F4
F6
F8
FA
FC
FE
-
-
-
Basic Interval Timer
-
-
-
External Interrupt 2
Timer/Counter 1 Interrupt
External Interrupt 0
-
RESET Vector Area
External Interrupt 1
Watchdog Timer Interrupt
“-” means reserved area.
NOTE:
Timer/Counter 2 Interrupt
External Interrupt 3
Timer/Counter 0 Interrupt
Timer/Counter 3 Interrupt
A/D Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com