Electronic Components Datasheet Search
  English  ▼

X  

GS1A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS1A
Description  SURFACE MOUNT STANDARD RECOVERY RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 1.0 AMPERE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS1A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS1A Datasheet HTML 1Page - List of Unclassifed Manufacturers GS1A Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O
LEAD TEMPERATURE ( C)
Figure 1. Typical Forward Current Derating Curve
0
25
50
75
100
125
150
175
1.5
1.0
0.5
0
INDUCTIVE LOAD
RESISTIVE OR
HALF WAVE 60Hz
SINGLE PHASE
P.C.B. MOUNTED ON
0.2 x 0.2" (5.0 x 5.0mm)
COPPER PAD AREAS
0.01
0.1
1.0
10
100
1000
100
10
1
HEATING TIME (SEC)
Figure 5.Transient Thermal Impedance
UNITS MOUNTED ON 0.2x0.2"
(5.0x5.0mm) x 0.5mil. INCHES
(0.013mm) THICK COPPER
LAND AREAS
GS1A THRU GS1M
REVERSE VOLTAGE (VOLTS)
Figure 4.Typical Junction Capacitance
0.01
0.1
1.0
10
100
100
10
1
O
TJ = 25 C
f = 1.0MHz
Vsig = 50mVp-p
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 3. Typical Instantaneous Forward Characteristics
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
100
10
1
0.1
0.01
O
TJ = 25 C
PULSE WIDTH = 300
S
1% DUTY CYCLE
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
100
10
1
30
25
20
15
10
5
0
8.3 MS SINGLE HALF
SINE-WAVE JEDEC METHOD
10
1
0.1
0.01
0.001
O
TJ = 125 C
O
TJ = 100 C
O
TJ = 25 C
0
20
40
60
80
100
PERCENT OF PEAK REVERSE VOLT AGE(%)
Figure 6.Typical Reverse Characteristics
RS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com