Electronic Components Datasheet Search
  English  ▼

X  

H1012 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # H1012
Description  10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

H1012 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  H1012 Datasheet HTML 1Page - List of Unclassifed Manufacturers H1012 Datasheet HTML 2Page - List of Unclassifed Manufacturers H1012 Datasheet HTML 3Page - List of Unclassifed Manufacturers H1012 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
.700
17,78
.510
12.95
.100
2,54
PE-6851XL, H1042
Date Code Country of Origin
.540
13,72
.700
17,78
.100
2,54
.040
1,02
.100
2,54
.370
9,40
.015
0,38
.004/0,10
1.000
25,40
14 SURFACES
0° – 8°
14X .045
1,14
.350
MAX
8,89
.004/0,10
16 SURFACES
.010
0,25
0° – 8°
16 x .040
1,02
.390
9,91
.700
17,78
.505 MAX
12,83
Date Code
Country of Origin
.700
17,78
.060
1,52
.525
13,34
.040
1,02
.100
2,54
1.000
25,40
.100
2,54
16X .018
0,43
.245 MAX
6,22
10/100 BASE-T SINGLE PORT
TRANSFORMER MODULES
With 1:1 Transmit Turns Ratios
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
1
H303.K (5/03)
Compatible with Broadcom, ICS, Intel, Kendin, Lucent,
National Semiconductor and TDK Transceivers
Meets all IEEE 802.3 and ANSI X3.263 standards including
350 µH OCL with 8 mA bias
IC grade transfer-molded package withstands 235°C IR reflow
Patented Interlock Base construction for high reliability
Weight . . . . . . . .3.0 grams
Tube . . . . . . . . . . . .20/tube
Tape & Reel . . . . . .300/reel
Weight . . . . . . . . 3.5 grams
Tube . . . . . . . . . . . .20/tube
Tape & Reel . . . . .160/reel
Dimensions:
Inches
Unless otherwise specified, all tolerances are ±
.010
mm
0,25
PE-68515L, PE-68517L, H1042
US 619 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com
Mechanicals
H1012, H1019, H1086, H1089, H1117,
H1138, HX1148, HX1178
Insertion
Return Loss
Differential to Common
Crosstalk
Part
Loss
(dB MIN @ 100
Ω)
Mode Rejection
(dB TYP)
Hipot
Number
(dB MAX)
(dB MIN)
(Vrms MIN)
0.1-100 MHz
1-30 MHz 40 MHz 50 MHz 60-80 MHz
30 MHz 60 MHz 100 MHz
30 MHz 60 MHz 100 MHz
H1012
-1.0
-20
-20
-18
-14
-42
-36
-33
-50
-40
-40
1500
H1019
-1.0
-20
-18
-18
-14
-45
-40
-35
-45
-40
-35
1500
H1086
1
-1.0
-22
-20
-18
-12
-45
-40
-35
-50
-40
-40
1500
H1042
-1.0
-16
-13.5
-11.5
-10
-45
-40
-35
-40
-38
-35
1500
H1089
-1.0
-22
-20
-18
-12
-42
-38
-32
-50
-40
-40
1500
H1117
-1.0
-22
-20
-18
-12
-45
-40
-35
-50
-40
-40
1500
H1138
-0.8
-18
-16
-14
-12
42
-37
-33
-50
-40
-40
1500
HX1148
2
-1.5
-18
-13.5
-11.5
-10
-42
-37
-33
-50
-40
-40
1500
HX1178
3
-1.5
-18
-13.5
-11.5
-10
-42
-37
-33
-50
-40
-40
1500
PE-68515L
-1.0
-18
-18
-16
-12
-50
-45
-40
-55
-50
-50
1500
PE-68517L
-1.0
-18
-16
-15
-12
-45
-40
-35
-50
-40
-40
1500
1. Rise time optimized for National’s DP83843.
U.S. Patent No. 5,015,981
2. Operating temperature: -40
°+ 85°C.
3. Meets UL 1950 and UL 1459 3rd edition requirements.
NOTE: The PE-68515L pins 4 and 13 are removed.
The PE-68517L pins 5 and 12 are removed.


Similar Part No. - H1012

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1012 PULSE-H1012 Datasheet
418Kb / 4P
10/100 Base-T Single Port Transformer Modules
H1012 PULSE-H1012 Datasheet
261Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
H1012 PULSE-H1012 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results

Similar Description - H1012

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1038 PULSE-H1038 Datasheet
136Kb / 2P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Bothhand USA, LP.
16ST1086 BOTHHAND-16ST1086 Datasheet
186Kb / 1P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST8522 BOTHHAND-16ST8522 Datasheet
151Kb / 1P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
16ST1086-LF BOTHHAND-16ST1086-LF Datasheet
70Kb / 1P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
logo
Pulse A Technitrol Comp...
H1012NL PULSE-H1012NL Datasheet
582Kb / 3P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NL PULSE-HX1148NL Datasheet
582Kb / 3P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
HX1148NLT PULSE-HX1148NLT Datasheet
482Kb / 5P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
H1012NLT PULSE-H1012NLT Datasheet
418Kb / 4P
10/100 Base-T Single Port Transformer Modules
H303 PULSE-H303_15 Datasheet
419Kb / 3P
10/100 Base-T Single Port Transformer Modules
logo
Bothhand USA, LP.
12ST1112LF BOTHHAND-12ST1112LF Datasheet
159Kb / 2P
10/100 BASE-T SINGLE PORT TRANSFORMER MODULES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com