Electronic Components Datasheet Search
  English  ▼

X  

MAX20332 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX20332
Description  USB Connectors for Device Multiplexing
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX20332 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX20332 Datasheet HTML 1Page - Maxim Integrated Products MAX20332 Datasheet HTML 2Page - Maxim Integrated Products MAX20332 Datasheet HTML 3Page - Maxim Integrated Products MAX20332 Datasheet HTML 4Page - Maxim Integrated Products MAX20332 Datasheet HTML 5Page - Maxim Integrated Products MAX20332 Datasheet HTML 6Page - Maxim Integrated Products MAX20332 Datasheet HTML 7Page - Maxim Integrated Products MAX20332 Datasheet HTML 8Page - Maxim Integrated Products MAX20332 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX20332
MAX20332 Evaluation Kit
Detailed Description of Hardware
The MAX20332 EV kit evaluates the MAX20332 USB
charger detection with integrated overvoltage protector,
which communicates over the I2C interface. The EV kit
demonstrates the IC features such as charger detection,
overvoltage protection, and USB switch control. The EV
kit uses the IC in a 16-bump (1.6mm x 1.6mm) wafer-level
package (WLP) on a proven, four-layer PCB design. The
EV kit operates from the USB +5V DC and therefore does
not require an external power supply.
USB Connectors
The EV kit provides USB connectors to accommodate
the USB devices. Connect the output USB devices to the
USB2 and USB3 connectors and connect the input device
to the USB1 connector to evaluate the IC’s USB switches.
Test Points
The EV kit provides test points to access the IC input/
output signals. When charging a battery using a power-
management integrated circuit (PMIC), connect the PMIC
input to the OUT test point, connect the PMIC charger
enable pin to the CE test point, and connect the PMIC
charger output and ground to the VBAT and GND test
points, respectively. Connect the battery positive terminal
to the VBAT test point. Connect the battery negative
terminal to the GND test point.
DB Circuit
The EV kit provides circuits to indicate the DB (U1-A3)
output status. The circuits include U3, U4, N1, N2, D8,
D9, D10, and their associated resistors and capacitors.
The circuits are powered by OUT through jumper JU13.
When DB outputs a logic-low, LED D9 illuminates. When
DB
outputs high impedance, LED D10 illuminates.
Table 1. Jumper Table (JU1–JU13)
JUMPER
SHUNT
POSITION
DESCRIPTION
JU1
1-2*
On-board VB supply. Connects VBUS (USB4-1) to VB.
2-3
External VB supply. Externally supply VB with 3.5V to 36V.
JU2
1-2*
On-board VBAT supply. Connect INT_VBAT to VBAT.
2-3
External VBAT supply. Externally supply VBAT with 2.8V to 5.5V.
JU3
Closed*
On-board I2C. Connects the on-board SCL signal to the SCL test point.
Open
User-supplied I2C. Open the jumper and apply the SCL signal to the SCL test point.
JU4
Closed*
On-board I2C. Connects on-board SDA signal to the SDA test point.
Open
User-supplied I2C. Open the jumper and apply the SDA signal to the SDA test point.
JU5
Closed*
Connects the INT test point to an LED indicator.
Open
Disconnects the INT test point from an LED indicator.
JU6
Closed*
Connects the CE test point to an LED indicator.
Open
Disconnects the CE test point from an LED indicator.
JU7
Closed*
Connects the VB test point to an LED indicator.
Open
Disconnects the VB test point from an LED indicator.
JU8
Closed*
Connects the VBAT test point to an LED indicator.
Open
Disconnects the VBAT test point from an LED indicator.
JU9
Closed*
Connects the OUT test point to an LED indicator.
Open
Disconnects the OUT test point from an LED indicator.
JU10
1-2*
INT_VBAT = 2.3V.
1-3
INT_VBAT = 3.3V.
1-4
INT_VBAT = 4.2V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com