Electronic Components Datasheet Search
  English  ▼

X  

MAX22191 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX22191
Description  Fully Assembled and Tested
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX22191 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX22191 Datasheet HTML 1Page - Maxim Integrated Products MAX22191 Datasheet HTML 2Page - Maxim Integrated Products MAX22191 Datasheet HTML 3Page - Maxim Integrated Products MAX22191 Datasheet HTML 4Page - Maxim Integrated Products MAX22191 Datasheet HTML 5Page - Maxim Integrated Products MAX22191 Datasheet HTML 6Page - Maxim Integrated Products MAX22191 Datasheet HTML 7Page - Maxim Integrated Products MAX22191 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The MAX22191 evaluation kit (EV kit) is a fully assembled
and tested circuit board that demonstrates the functionality
of the MAX22191 digital input in an optical isolator circuit.
The EV kit features two circuits: one for a 24V digital input
signal and one for a 48V input signal.
Features
● 24V and 48V Circuits for Easy Evaluation
● Proven PCB Layout
● Fully Assembled and Tested
319-100170; Rev 0; 3/18
Ordering Information appears at end of data sheet.
Quick Start
Required Equipment
● MAX22191 EV kit
● 24V Digital signal generator
● Oscilloscope
Startup Procedure
The EV kit is fully assembled and tested. Follow the steps
below to verify board operation:
1) Ensure that the jumpers are in the default position
(Table 1).
2) Connect the digital signal generator to the IN+ test
point (TP3) and IN- test point (TP4)
.
3) Connect the oscilloscope to the IN+ test point (TP3),
and the OUT (TP14) test point. Connect return terminals
to the IN- test point (TP4)
4) Set the digital signal generator to generate a 0V–
24V 2kHz pulse.
5) Turn on the digital signal generator.
6) Monitor the IN+ and OUT signals. Verify that the
OUT signal toggles as expected.
Click
here for production status of specific part numbers.
MAX22191 Evaluation Kit
Evaluates: MAX22191


Similar Part No. - MAX22191

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22191 MAXIM-MAX22191 Datasheet
693Kb / 18P
Home Bus System (HBS) Compatible Transceiver
19-101199; Rev 0; 7/21
MAX22191 MAXIM-MAX22191 Datasheet
498Kb / 13P
Ultra-Low-Power, Parasitically Powered Digital Input
19-100229; Rev 1; 10/20
MAX22191AUT+ MAXIM-MAX22191AUT+ Datasheet
693Kb / 18P
Home Bus System (HBS) Compatible Transceiver
19-101199; Rev 0; 7/21
MAX22191AUT+ MAXIM-MAX22191AUT+ Datasheet
498Kb / 13P
Ultra-Low-Power, Parasitically Powered Digital Input
19-100229; Rev 1; 10/20
MAX22191EVKIT MAXIM-MAX22191EVKIT Datasheet
716Kb / 8P
24V and 48V Circuits for Easy Evaluation
Rev 0; 3/18
More results

Similar Description - MAX22191

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9986AEVKIT MAXIM-MAX9986AEVKIT Datasheet
209Kb / 8P
Fully Assembled and Tested
Rev 0; 11/06
MAX9985EVKIT MAXIM-MAX9985EVKIT Datasheet
233Kb / 7P
Fully Assembled and Tested
Rev 0; 8/07
MAX7058EVKIT MAXIM-MAX7058EVKIT Datasheet
682Kb / 7P
Fully Assembled and Tested
Rev 0; 10/09
MAX7037EVKIT MAXIM-MAX7037EVKIT Datasheet
3Mb / 31P
Fully Assembled and Tested
Rev 3; 7/18
MAX1162EVC16 MAXIM-MAX1162EVC16 Datasheet
232Kb / 8P
Fully Assembled and Tested
Rev 1; 12/06
MAX3100EVKIT MAXIM-MAX3100EVKIT Datasheet
388Kb / 12P
Fully Assembled and Tested
Rev 0; 3/08
MAX1757EVKIT MAXIM-MAX1757EVKIT Datasheet
153Kb / 5P
Fully Assembled and Tested
Rev 0; 10/00
MAX1400EVKIT MAXIM-MAX1400EVKIT Datasheet
211Kb / 12P
Fully Assembled and Tested
Rev 2; 5/07
MAX1240EVKIT MAXIM-MAX1240EVKIT Datasheet
1Mb / 8P
Fully Assembled and Tested
Rev 2; 3/18
MAX9132EVKIT MAXIM-MAX9132EVKIT Datasheet
661Kb / 14P
Fully Assembled and Tested
Rev 0; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com